Electronic Components Datasheet Search
  English  ▼

X  

TLP293 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLP293
Description  Infrared LED & Photo Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP293 Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TLP293 Datasheet HTML 2Page - Toshiba Semiconductor TLP293 Datasheet HTML 3Page - Toshiba Semiconductor TLP293 Datasheet HTML 4Page - Toshiba Semiconductor TLP293 Datasheet HTML 5Page - Toshiba Semiconductor TLP293 Datasheet HTML 6Page - Toshiba Semiconductor TLP293 Datasheet HTML 7Page - Toshiba Semiconductor TLP293 Datasheet HTML 8Page - Toshiba Semiconductor TLP293 Datasheet HTML 9Page - Toshiba Semiconductor TLP293 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TLP293
6
Fig.
Fig.
Fig.
Fig. 11.7
11.7
11.7
11.7 IIIIC
C
C
C
- V
- V
- V
- VCE
CE
CE
CE
Fig.
Fig.
Fig.
Fig. 11.8
11.8
11.8
11.8 IIIIC
C
C
C
- V
- V
- V
- VCE
CE
CE
CE
Fig.
Fig.
Fig.
Fig. 11.9
11.9
11.9
11.9 IIIIDARK
DARK
DARK
DARK
- T
- T
- T
- Taaaa
Fig.
Fig.
Fig.
Fig. 11.10
11.10
11.10
11.10 V
V
V
VCE(sat)
CE(sat)
CE(sat)
CE(sat)
- T
- T
- T
- Taaaa
Fig.
Fig.
Fig.
Fig. 11.11
11.11
11.11
11.11 IIIIC
C
C
C
- I
- I
- I
- IFFFF
Fig.
Fig.
Fig.
Fig. 11.12
11.12
11.12
11.12 IIIIC
C
C
C
/I
/I
/I
/IFFFF - I
- I
- I
- IFFFF
2019-11-29
Rev.6.0
©2016-2019
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com