Electronic Components Datasheet Search
  English  ▼

X  

TLP387 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP387
Description  Infrared LED & Photo Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP387 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP387 Datasheet HTML 1Page - Toshiba Semiconductor TLP387 Datasheet HTML 2Page - Toshiba Semiconductor TLP387 Datasheet HTML 3Page - Toshiba Semiconductor TLP387 Datasheet HTML 4Page - Toshiba Semiconductor TLP387 Datasheet HTML 5Page - Toshiba Semiconductor TLP387 Datasheet HTML 6Page - Toshiba Semiconductor TLP387 Datasheet HTML 7Page - Toshiba Semiconductor TLP387 Datasheet HTML 8Page - Toshiba Semiconductor TLP387 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLP387
1
Photocouplers Infrared LED & Photo Transistor
TLP387
TLP387
TLP387
TLP387
Start of commercial production
2016-02
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Programmable Logic Controllers (PLCs)
•
I/O Interface Boards
•
Home Electric Appliances
2.
2.
2.
2. General
General
General
General
TLP387 is a photocoupler that consist of an infrared LED optically coupled to a darlington transistor. Housed in
a SO6L (4 pin) package, it has a high noise immunity and a high insulation. With the high brakdown voltage
between the collector and emitter, TLP387 is suitable in applications such as 100VDC output modules of
programmable controllers.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Collector-emitter voltage: 300 V (min)
(2)
Current transfer ratio: 1000 % (min) (@IF = 1 mA, VCE = 1 V)
(3)
Isolation voltage: 5000 Vrms (min)
(4)
Operating temperature range: -55 to 110 
(5)
Safety standards
UL-recognized: UL 1577, File No.E67349
cUL-recognized: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN 60747-5-5, EN 62368-1 (Note 1)
(Note 1)
(Note 1)
(Note 1)
CQC-approved: GB4943.1, GB8898 Thailand Factory
Note 1: When a VDE approved type is needed, please designate the Option (D4)
Option (D4)
Option (D4)
Option (D4).
4.
4.
4.
4. Packaging and Pin Assignment
Packaging and Pin Assignment
Packaging and Pin Assignment
Packaging and Pin Assignment
11-4P1A
1: Anode
3: Cathode
4: Emitter
6: Collector
2020-01-16
Rev.2.0
©2016-2020
Toshiba Electronic Devices & Storage Corporation


Similar Part No. - TLP387

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3823 TOSHIBA-TLP3823 Datasheet
418Kb / 15P
Photocouplers Photorelay
2020-03-23 Rev.5.0
TLP3823F TOSHIBA-TLP3823F Datasheet
418Kb / 15P
Photocouplers Photorelay
2020-03-23 Rev.5.0
TLP3825 TOSHIBA-TLP3825 Datasheet
419Kb / 15P
Photocouplers Photorelay
2020-03-23 Rev.6.0
TLP3825F TOSHIBA-TLP3825F Datasheet
419Kb / 15P
Photocouplers Photorelay
2020-03-23 Rev.6.0
TLP383 TOSHIBA-TLP383 Datasheet
2Mb / 19P
InGaAs Infrared LED & Photo Transistor
2015-11-12 Rev.4.0
More results

Similar Description - TLP387

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP908 TOSHIBA-TLP908 Datasheet
379Kb / 8P
PHOTOREFLECTIVE SENSORS INFRARED LED PHOTO TRANSISTOR
TLP822 TOSHIBA-TLP822 Datasheet
430Kb / 11P
PHOTO INTERRUPTERS INFRARED LED PHOTO TRANSISTOR
20-Mar-2002
TLP853 TOSHIBA-TLP853 Datasheet
373Kb / 9P
PHOTO-INTERRUPTER INFRARED LED PHOTODARLINGTON TRANSISTOR
04-Apr-2002
logo
KODENSHI_AUK CORP.
KEL-0315C KODENSHI-KEL-0315C Datasheet
128Kb / 2P
Touch Screen Infrared LED & Photo Transistor
logo
Toshiba Semiconductor
TLP802 TOSHIBA-TLP802 Datasheet
283Kb / 6P
INFRARED LEDPHOTO TRANSISTOR
TLP293 TOSHIBA-TLP293 Datasheet
649Kb / 15P
Infrared LED & Photo Transistor
TLP182 TOSHIBA-TLP182 Datasheet
662Kb / 15P
Photocouplers Infrared LED & Photo Transistor
15-Oct-2019
TLP183 TOSHIBA-TLP183 Datasheet
659Kb / 15P
Photocouplers Infrared LED & Photo Transistor
18-Nov-2019
TLP627M TOSHIBA-TLP627M Datasheet
429Kb / 18P
Photocouplers Infrared LED & Photo Darlington Transistor
06-Dec-2018
TLP187 TOSHIBA-TLP187 Datasheet
273Kb / 9P
Photocouplers Infrared LED & Photo Transistor
Rev.5.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com