Electronic Components Datasheet Search
  English  ▼

X  

0271 Datasheet(PDF) 2 Page - Lumberg

Part # 0271
Description  Quicklock circular connectors, IP67
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

0271 Datasheet(HTML) 2 Page - Lumberg

  0271 Datasheet HTML 1Page - Lumberg 0271 Datasheet HTML 2Page - Lumberg 0271 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 0271
05/2020
2
Pin configurations, mating side view
*a
0271 02
0271 03
0271 04
0271 05
0271 07
0271 08
0271 09
*a
port
Environmental conditions
Temperature range
-40 °C/+80 °C
Materials
Insulating body
PBT, V-0 according to UL94
Contact bush
CuSn, gold-plated
Housing
PBT, V-0 according to UL94
F1 according to UL 746C, outdoor
suitability (UV-light, immersion)
Cap
SI
Hexagonal nut
PBT, V-0 according to UL94
Mechanical data
Mating cycles
1700
Insertion force
≤ 90 N
Withdrawal force
≤ 40 N
Protection class
IP67 (protecting cap IP65) 1
1
only in locked condition with an appropriate counterpart
Connectable conductors for solder area
Section
1.0–1.5 mm²/AWG 18–16 (2–4 poles)
0.34–0.75 mm²/AWG 22–20 (5–7
poles)
0.25–0.34 mm²/AWG 24–22 (8–9
poles)
Electrical data (at Tamb 20 °C)
Contact resistance
≤ 5 mΩ
Rated current
10 A (2–4 poles)
5 A (5–9 poles)
Rated voltage
400 V
Rated impulse voltage
2500 V AC
Creepage distance
≥ 2 mm
Clearance
≥ 2 mm
Insulation resistance
> 500 MΩ
Associated products
Counterparts
�
0251
of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com