Electronic Components Datasheet Search
  English  ▼

X  

TSOP98430 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP98430
Description  IR Receiver Modules for Remote Control Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP98430 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP98430 Datasheet HTML 1Page - Vishay Siliconix TSOP98430 Datasheet HTML 2Page - Vishay Siliconix TSOP98430 Datasheet HTML 3Page - Vishay Siliconix TSOP98430 Datasheet HTML 4Page - Vishay Siliconix TSOP98430 Datasheet HTML 5Page - Vishay Siliconix TSOP98430 Datasheet HTML 6Page - Vishay Siliconix TSOP98430 Datasheet HTML 7Page - Vishay Siliconix TSOP98430 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TSOP982.., TSOP984..
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 11-Dec-2018
1
Document Number: 82831
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Modules for Remote Control Systems
DESIGN SUPPORT TOOLS
FEATURES
• Improved dark sensitivity
• Improved immunity against optical noise
• Very low supply current
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Low supply voltage: 2.0 V to 3.6 V
• Insensitive to supply voltage ripple and noise
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
MECHANICAL DATA
1 = OUT, 2 = GND, 3 = VS
DESCRIPTION
The TSOP98... series devices are the latest generation miniaturized IR receiver modules for infrared remote control systems.
This series provides improvements in sensitivity to remote control signals in dark ambient as well as in sensitivity in the presence
of optical disturbances e.g. from CFLs.
The devices contain a PIN diode and a preamplifier assembled on a lead frame. The epoxy package contains an IR filter. The
demodulated output signal can be directly connected to a microprocessor for decoding.
The TSOP982.. and TSOP984.. series devices are designed to receive long burst codes (10 or more carrier cycles per burst).
The third digit designates the AGC level (AGC2 or AGC4) and the last two digits designate the band-pass frequency (see table
below). The higher the AGC, the better noise is suppressed, but the lower the code compatibility. AGC2 provides basic noise
suppression and AGC4 provides enhanced noise suppression. Generally, we advise to select the highest AGC that satisfactorily
receives the desired remote code.
These components have not been qualified to automotive specifications.
Notes
• 30 kHz and 33 kHz only available on written request
• See datasheet for TSOP986.. for preferred devices for (2)(3)(4)(5)(10)
19026
1
2
3
2
3
click logo to get started
Available
Models
PARTS TABLE
AGC
BASIC NOISE SUPPRESSION
(AGC2)
ENHANCED NOISE SUPPRESSION
(AGC4)
Carrier frequency
30 kHz
TSOP98230
TSOP98430
33 kHz
TSOP98233
TSOP98433
36 kHz
TSOP98236
TSOP98436 (6)
38 kHz
TSOP98238
TSOP98438 (9)
40 kHz
TSOP98240 (11)
TSOP98440
56 kHz
TSOP98256 (1)
TSOP98456 (7)(8)
Package
Minicast
Pinning
1 = OUT, 2 = GND, 3 = VS
Dimensions (mm)
5.0 W x 6.95 H x 4.8 D
Mounting
Leaded
Application
Remote control
Best choice for
(1) Cisco (2) Mitsubishi (3) NEC (4) Panasonic (5) RC-5 (6) RC-6
(7) RCA (8) r-step (9) Sejin 4PPM (10) Sharp (11) Sony


Similar Part No. - TSOP98430

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP984 VISHAY-TSOP984 Datasheet
286Kb / 8P
IR Receiver Modules for Remote Control Systems
13-Apr-2022
TSOP984.. VISHAY-TSOP984.. Datasheet
286Kb / 8P
IR Receiver Modules for Remote Control Systems
13-Apr-2022
More results

Similar Description - TSOP98430

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP4830ON1 VISHAY-TSOP4830ON1 Datasheet
405Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
IR Receiver Modules for Remote Control Systems
31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
IR Receiver Modules for Remote Control Systems
26-Sep-08
TSOP31230 VISHAY-TSOP31230 Datasheet
160Kb / 8P
IR Receiver Modules for Remote Control Systems
19-Aug-08
TSOP6130 VISHAY-TSOP6130 Datasheet
414Kb / 13P
IR Receiver Modules for Remote Control Systems
10-Jun-08
TSOP372 VISHAY-TSOP372 Datasheet
257Kb / 11P
IR Receiver Modules for Remote Control Systems
11-Nov-15
TSOP572 VISHAY-TSOP572 Datasheet
259Kb / 11P
IR Receiver Modules for Remote Control Systems
10-Nov-15
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
IR Receiver Modules for Remote Control Systems
22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
IR Receiver Modules for Remote Control Systems
13-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com