Electronic Components Datasheet Search
  English  ▼

X  

F Datasheet(PDF) 2 Page - Lumberg

Part # F
Description  Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

F Datasheet(HTML) 2 Page - Lumberg

  F Datasheet HTML 1Page - Lumberg F Datasheet HTML 2Page - Lumberg F Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
51 F
01/2018
2
Environmental conditions
Temperature range
-25 °C/+100 °C
Materials
Flange
PC
Associated products
Accessories
�
2,5 R
�
2,5 R
�
2,5 U
�
2,5 U
�
2,54 R
�
2,54 R
�
2,54 U
�
2,54 U
�
5 R
�
5 R
�
5 U
�
5 U
�
5,08 R
�
5,08 R
�
5,08 U
�
5,08 U
�
8510 A 02
�
8510 A 02
�
8514 A 01
�
8514 A 01
�
8514 A 02
�
8514 A 02
�
8514 A 03
�
8514 A 03
of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com