Electronic Components Datasheet Search
  English  ▼

X  

TM3DI8 Datasheet(PDF) 2 Page - Schneider Electric

Part # TM3DI8
Description  Modicon TM3 - 8 inputs (screw) 24Vdc
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM3DI8 Datasheet(HTML) 2 Page - Schneider Electric

  TM3DI8 Datasheet HTML 1Page - Schneider Electric TM3DI8 Datasheet HTML 2Page - Schneider Electric TM3DI8 Datasheet HTML 3Page - Schneider Electric TM3DI8 Datasheet HTML 4Page - Schneider Electric TM3DI8 Datasheet HTML 5Page - Schneider Electric TM3DI8 Datasheet HTML 6Page - Schneider Electric TM3DI8 Datasheet HTML 7Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Mounting support
Top hat type TH35-15 rail IEC 60715
Top hat type TH35-7.5 rail IEC 60715
plate or panel with fixing kit
Height
3.54 In (90 mm)
Maximum Depth
3.33 In (84.6 mm)
Width
1.08 In (27.4 mm)
Net weight
0.19 Lb(US) (0.085 kg)
Environment
Standards
EN/IEC 61131-2
EN/IEC 61010-2-201
Product certifications
C-tick
CULus
Resistance to electrostatic discharge
8 KV in air EN/IEC 61000-4-2
4 KV on contact EN/IEC 61000-4-2
Resistance to electromagnetic fields
9.14 V/M (10 V/m) 80 MHz...1 GHz EN/IEC 61000-4-3
2.74 V/M (3 V/m) 1.4 GHz...2 GHz EN/IEC 61000-4-3
0.91 V/M (1 V/m) 2 GHz...3 GHz EN/IEC 61000-4-3
Resistance to magnetic fields
98.43 A/M (30 A/m) 50/60 Hz EN/IEC 61000-4-8
Resistance to fast transients
1 KV I/OEN/IEC 61000-4-4
Surge withstand
1 KV I/O common mode EN/IEC 61000-4-5 DC
Resistance to conducted disturbances
10 V 0.15...80 MHz EN/IEC 61000-4-6
3 V spot frequency (2, 3, 4, 6.2, 8.2, 12.6, 16.5, 18.8, 22, 25 MHz) Marine specifica-
tion (LR, ABS, DNV, GL)
Electromagnetic emission
Radiated emissions 40 dBμV/m QP class A 10 m)30…230 MHz EN/IEC 55011
Radiated emissions 47 dBμV/m QP class A 10 m)230…1000 MHz EN/IEC 55011
Ambient air temperature for operation
14…95 °F (-10…35 °C) vertical installation
14…131 °F (-10…55 °C) horizontal installation
Ambient air temperature for storage
-13…158 °F (-25…70 °C)
Relative humidity
10…95 %, without condensation in operation)
10…95 %, without condensation in storage)
IP degree of protection
IP20 with protective cover in place
Pollution degree
2
Operating altitude
0...6561.68 ft (0...2000 m)
Storage altitude
0.00…9842.52 Ft (0…3000 m)
Vibration resistance
3.5 mm 5…8.4 Hz DIN rail
3 gn 8.4…150 Hz DIN rail
3.5 mm 5…8.4 Hz panel
3 gn 8.4…150 Hz panel
Shock resistance
15 gn 11 ms
Ordering and shipping details
Category
22533 - M2XX PLC & ACCESSORIES
Discount Schedule
MSX
GTIN
00785901352464
Nbr. of units in pkg.
1
Package weight(Lbs)
0.47 Lb(US) (0.21 kg)
Returnability
Yes
Country of origin
TW
Packing Units
Package 1 Height
2.95 In (7.500 cm)
Package 1 width
4.13 In (10.500 cm)
Package 1 Length
4.92 In (12.500 cm)
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com