Electronic Components Datasheet Search
  English  ▼

X  

AS7C513B Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS7C513B
Description  5V 32K x 16 CMOS SRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C513B Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS7C513B Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C513B Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C513B Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C513B Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C513B Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C513B Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C513B Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C513B Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C513B Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
®
AS7C513B
3/26/04, v.1.3
Alliance Semiconductor
P. 3 of 9
Recommended operating conditions
VIL min = -1.0V for pulse width less than 5ns
VIH max = VCC+2.0V for pulse width less than 5ns.
DC operating characteristics (over the operating range)1
Capacitance (f = 1MHz, Ta = 25
o C, V
CC = NOMINAL)
2
Read cycle (over the operating range) 3,9
Parameter
Symbol
Min
Typical
Max
Unit
Supply voltage
VCC
4.5
5
5.5
V
Input voltage
VIH
2.2
–
VCC + 0.5
VIL
–0.5
–
0.8
V
Ambient operating temperature
commercial
TA
0
–
70
° C
industrial
TA
–40
–
85
° C
Parameter
Sym
Test conditions
-10
-12
-15
-20
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Input leakage
current
| ILI |
VCC = Max
VIN = GND to VCC
–1
–
1
–1
–
1
µA
Output leakage
current
| ILO |
VCC = Max
VOUT = GND to VCC
–1
–
1
–1
–
1
µA
Operating
power supply
current
ICC
VCC = Max, CE ≤ VIL
f = fMax , IOUT = 0mA
–
110
–
100
–
90
–
80
mA
Standby power
supply current
ISB
VCC = Max, CE ≥ VIH
f = fMax
–50
–
45
–45
–
40
mA
ISB1
VCC = Max, CE ≥ VCC - 0.2V
VIN ≤ 0.2V or
VIN ≥ VCC –0.2V, f = 0
–10
–
10
–10
–
10
mA
Output voltage
VOL
IOL = 8 mA, VCC = Min
–
0.4
–
0.4
–
0.4
–
0.4
V
VOH
IOH = –4 mA, VCC = Min
2.4
–
2.4
–
2.4
–
2.4
–
V
Parameter
Symbol
Signals
Test conditions
Max
Unit
Input capacitance
CIN
A, CE, WE, OE, LB, UB
Vin = 0V
5
pF
I/O capacitance
CI/O
I/O
Vin = Vout = 0V
7
pF
Parameter
Symbol
-10
-12
-15
-20
Unit
Notes
Min
Max
Min
Max
Min
Max
Min
Max
Read cycle time
tRC
10
–12–
15
–
20
–
ns
Address access time
tAA
–
10
–
12
–
15
–
20
ns
3
Chip enable (CE) access time
tACE
–
10
–
12
–
15
–
20
ns
3
Output enable (OE) access time
tOE
–5–6
–
7
–
8
ns
Output hold from address
change
tOH
3–3–
3
–
3
–
ns
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com