Electronic Components Datasheet Search
  English  ▼

X  

U421 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # U421
Description  LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

U421 Datasheet(HTML) 2 Page - Linear Integrated Systems

  U421 Datasheet HTML 1Page - Linear Integrated Systems U421 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201124 07/24/2019 Rev#A14 ECN# U421 U422 U423 U424 U425 U426
SYMBOL
CHARACTERISTIC
MIN.
TYP.
MAX.
UNITS
CONDITIONS
OUTPUT CONDUCTANCE
gos
Full Conduction
--
--
10
µS
VDS= 10V
VGS= 0
gos
Operating
--
0.1
3.0
µS
VDG= 10V
ID= 30µA
COMMON MODE REJECTION
CMRR
-20 log
│V GS1-2/ΔVDS│
--
90
--
dB
ΔVDS= 10 to 20V
ID=30µA
CMRR
-
20 log │V GS1-2/ΔVDS│
--
90
--
dB
ΔVDS= 5 to 10V
ID=30µA
NOISE
NF
Figure
--
--
1.0
dB
VDG= 10V, ID= 30µA, RG
=10MΩ
f= 10Hz
en
Voltage
--
20
70
nV/√Hz
VDG= 10V
ID= 30µA f= 10Hz
10
VDG= 10V
ID= 30µA f= 1kHz
CAPACITANCE
CISS
Input
--
--
3.0
pF
VDS= 10V
VGS= 0
f= 1MHz
CRSS
Reverse Transfer
--
--
1.5
pF
VDS= 10V
VGS= 0
f= 1MHz
TO-78
0.335
0.370
0.305
0.335
0.016
0.019
0.165
0.185
0.040
MAX.
DIM. A
0.016
0.021
DIM. B
MIN. 0.500
0.200
0.100
0.100
0.028
0.034
45°
1
2 3
5
6
7
0.029
0.045
SEATING
PLANE
TO-71
Six Lead
0.230
0.209
DIA.
DIA.
0.195
0.175
0.030
MAX.
0.500 MIN.
0.150
0.115
0.019
0.016
DIA.
6 LEADS
3
2
1
5
6
0.046
0.036
45°
0.048
0.028
0.100
0.050
7
NOTES:
1. These ratings are limiting values above which the serviceability of any semiconductor may be impaired
2. Derate 4mW/ºC above 25ºC
3. All MIN/TYP/MAX limits are absolute numbers. Negative signs indicate electrical polarity only.
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its use;
nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Linear Integrated Systems.
0.210
0.170
Linear Integrated Systems develops and produces the highest performance semiconductors of their kind in the industry. Linear
Systems, founded in 1987, uses patented and proprietary processes and designs to create its high performance discrete
semiconductors. Expertise brought to the company is based on processes and products developed at Amelco, Union Carbide,
Intersil and Micro Power Systems by company founder John H. Hall.
TO-71
TO-78
P-DIP
SOIC
Note: All Dimensions in inches
4
0.150 (3.81)
0.158 (4.01)
0.188 (4.78)
0.197 (5.00)
0.228 (5.79)
0.244 (6.20)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com