Electronic Components Datasheet Search
  English  ▼

X  

TS912AIN Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS912AIN
Description  Rail-to-rail CMOS dual operational amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS912AIN Datasheet(HTML) 1 Page - STMicroelectronics

  TS912AIN Datasheet HTML 1Page - STMicroelectronics TS912AIN Datasheet HTML 2Page - STMicroelectronics TS912AIN Datasheet HTML 3Page - STMicroelectronics TS912AIN Datasheet HTML 4Page - STMicroelectronics TS912AIN Datasheet HTML 5Page - STMicroelectronics TS912AIN Datasheet HTML 6Page - STMicroelectronics TS912AIN Datasheet HTML 7Page - STMicroelectronics TS912AIN Datasheet HTML 8Page - STMicroelectronics TS912AIN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This is information on a product in full production.
November 2012
Doc ID 2325 Rev 7
1/21
21
TS912, TS912A, TS912B
Rail-to-rail CMOS dual operational amplifier
Datasheet
−production data
Features
■ Rail-to-rail input and output voltage ranges
■ Single (or dual) supply operation
from 2.7 to 16 V
■ Extremely low input bias current: 1 pA typ.
■ Low input offset voltage: 2 mV max.
■ Specified for 600
Ω and 100 Ω loads
■ Low supply current: 200
μA/amplifier
(VCC = 3 V)
■ Latch-up immunity
■ ESD tolerance: 3 kV
■ Spice macromodel included in this specification
Related products
■ See TS56x series for better accuracy and
smaller packages
Description
The TS912 device is a rail-to-rail CMOS dual
operational amplifier designed to operate with
a single or dual supply voltage.
The input voltage range Vicm includes the two
supply rails VCC
+ and V
CC
-.
The output reaches VCC
- +30 mV, V
CC
+ -40 mV,
with RL = 10 kΩ and VCC
- +300 mV,
VCC
+ -400 mV, with R
L = 600 Ω.
This product offers a broad supply voltage
operating range from 2.7 to 16 V and a supply
current of only 200
μA/amp. (VCC = 3 V).
Source and sink output current capability is
typically 40 mA (at VCC = 3 V), fixed by an internal
limitation circuit.
N
DIP8
(plastic package)
D
SO-8
(plastic micropackage)
Pin connections (top view)
www.st.com


Similar Part No. - TS912AIN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS912AIN STMICROELECTRONICS-TS912AIN Datasheet
217Kb / 19P
Rail-to-Rail CMOS Dual Operational Amplifier
Feb-2006
TS912AIN STMICROELECTRONICS-TS912AIN Datasheet
205Kb / 18P
Rail-to-rail CMOS dual operational amplifier
16-Oct-2007
More results

Similar Description - TS912AIN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V912 STMICROELECTRONICS-TS3V912 Datasheet
117Kb / 11P
3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
Oct-1997
TS912 STMICROELECTRONICS-TS912 Datasheet
102Kb / 12P
RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
Apr-1999
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701 Datasheet
74Kb / 6P
DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2704 ALD-ALD2704 Datasheet
52Kb / 6P
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_06 Datasheet
217Kb / 19P
Rail-to-Rail CMOS Dual Operational Amplifier
Feb-2006
logo
Advanced Linear Devices
ALD2704A ALD-ALD2704A Datasheet
49Kb / 6P
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_07 Datasheet
205Kb / 18P
Rail-to-rail CMOS dual operational amplifier
16-Oct-2007
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701_10 Datasheet
84Kb / 9P
DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2704 ALD-ALD2704_10 Datasheet
83Kb / 9P
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
CMOS Rail-to-Rail Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com