Electronic Components Datasheet Search
  English  ▼

X  

SST4117 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # SST4117
Description  ULTRA-HIGH INPUT IMPEDANCE N-CHANNEL JFET AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

SST4117 Datasheet(HTML) 2 Page - Linear Integrated Systems

  SST4117 Datasheet HTML 1Page - Linear Integrated Systems SST4117 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201135 07/25/2019 Rev#A11 ECN# 2N & SST 4117 4118 4119
1
2
3
DIMENSIONS IN
MILLIMETERS
0.89
1.03
1.78
2.05
1.20
1.40
2.10
2.64
0.37
0.51
2.80
3.04
0.89
1.12
0.013
0.100
0.085
0.180
0.55
*Dimensions in inches
2N4117A, 2N4118A,
2N4119A
TO-72
Four Lead
PN4117, PN4118,
PN4119
TO-92
SST4117, SST4118,
SST4119
SOT-23
NOTES:
1. Due to symmetrical geometry, these units may be operated with source and drain leads interchanged.
2. This parameter is measured during a 2 ms interval 100 ms after power is applied. (Not a JEDEC condition.)
3. Absolute maximum ratings are limiting values above which serviceability may be impaired.
4. Not production tested, guaranteed by design.
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its use;
nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise
under any patent rights of Linear Integrated Systems.
STANDARD PACKAGE DIMENSIONS:
Linear Integrated Systems develops and produces the highest performance semiconductors of their kind in the industry. Linear
Systems, founded in 1987, uses patented and proprietary processes and designs to create its high performance discrete
semiconductors. Expertise brought to the company is based on processes and products developed at Amelco, Union Carbide,
Intersil and Micro Power Systems by company founder John H. Hall.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com