Electronic Components Datasheet Search
  English  ▼

X  

TDA7492PE Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7492PE
Description  45 W 45 W dual BTL class-D audio amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492PE Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7492PE Datasheet HTML 3Page - STMicroelectronics TDA7492PE Datasheet HTML 4Page - STMicroelectronics TDA7492PE Datasheet HTML 5Page - STMicroelectronics TDA7492PE Datasheet HTML 6Page - STMicroelectronics TDA7492PE Datasheet HTML 7Page - STMicroelectronics TDA7492PE Datasheet HTML 8Page - STMicroelectronics TDA7492PE Datasheet HTML 9Page - STMicroelectronics TDA7492PE Datasheet HTML 10Page - STMicroelectronics TDA7492PE Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DocID027029 Rev 1
7/24
TDA7492PE
Electrical specifications
24
3.3
Electrical specifications
Unless otherwise stated, the values in the table below are specified for the conditions:
VCC = 22 V, RL = 6 Ω, ROSC = R3 = 33 kΩ, f = 1 kHz, GV = 20.8 dB and Tamb = 25 °C.
Table 5. Electrical specifications
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VCC
Supply voltage for pins PVCCA,
PVCCB, SVCC
9
26
V
Iq
Total quiescent current
No LC filter, no load
-
40
mA
IqSTBY
Quiescent current in standby
-
-
1
µA
VOS
Output offset voltage
Vi = 0, no load
-20
-
20
mV
IOCP
Overcurrent protection threshold to
switch off the device
9
10
13
A
Tj
Junction temperature at thermal
shutdown
-
140
150
160
°C
Ri
Input resistance
Differential input
60
-
k
Ω
RdsON
Power transistor on resistance
High side
-
0.2
-
Ω
Low side
-
0.2
-
GV
Closed-loop gain
GAIN < 0.25*VDD
20.8
dB
0.25*VDD < GAIN < 0.5*VDD
26.8
0.5*VDD < GAIN < 0.75*VDD
30
GAIN > 0.75*VDD
32.8
∆G
V
Gain matching
-
-
±1
dB
CT
Crosstalk
f = 1 kHz, Po = 1 W
70
-
dB
SVRR
Supply voltage rejection ratio
fr = 100 Hz, Vr = 0.5 Vpp,
CSVR = 10 µF
-
60
-
dB
Tr, Tf
Rise and fall times
-
-
40
-
ns
fSW
Switching frequency
Internal oscillator
500
kHz
fSWR
Output switching frequency range
With internal oscillator by changing
Rosc(1)
450
-
550
kHz
VinH
Digital input high (H)
-
2.0
-
-
V
VinL
Digital input low (L)
-
-
0.8
Function
mode
Standby & mute & play
STBY < 0.5 V, MUTE = X
Standby
STBY > 2.5 V; MUTE <0.8V
Mute
STBY > 2.5 V, MUTE > 2.5V
Play
AMUTE
Mute attenuation
VMUTE =1V
60
80
-
dB
1.
fSW = 10
6 / ((R
OSC * 12 + 110) * 4) kHz, fSYNCLK = 2 * fSW (where ROSC is in kΩ and fSW in kHz) with ROSC = 33 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com