Electronic Components Datasheet Search
  English  ▼

X  

TLP183 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP183
Description  Photocouplers Infrared LED & Photo Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP183 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP183 Datasheet HTML 1Page - Toshiba Semiconductor TLP183 Datasheet HTML 2Page - Toshiba Semiconductor TLP183 Datasheet HTML 3Page - Toshiba Semiconductor TLP183 Datasheet HTML 4Page - Toshiba Semiconductor TLP183 Datasheet HTML 5Page - Toshiba Semiconductor TLP183 Datasheet HTML 6Page - Toshiba Semiconductor TLP183 Datasheet HTML 7Page - Toshiba Semiconductor TLP183 Datasheet HTML 8Page - Toshiba Semiconductor TLP183 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TLP183
3
7.
7.
7.
7. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
LED
Detector
Characteristics
Input forward voltage
Input reverse current
Input capacitance
Collector-emitter breakdown
voltage
Emitter-collector breakdown
voltage
Dark Current
Collector-emitter capacitance
Symbol
VF
IR
Ct
V(BR)CEO
V(BR)ECO
IDARK
CCE
Note
Test Condition
IF = 10 mA
VR = 5 V
V = 0 V, f = 1 MHz
IC = 0.5 mA
IE = 0.1 mA
VCE = 48 V
VCE = 48 V, Ta = 85 
V = 0 V, f = 1 MHz
Min
1.1
80
7
Typ.
1.25
30
0.01
2
10
Max
1.4
5
0.08
50
Unit
V
µA
pF
V
V
µA
pF
8.
8.
8.
8. Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Current transfer ratio
Saturated current transfer ratio
Collector-emitter saturation voltage
OFF-state collector current
Symbol
IC/IF
IC/IF(sat)
VCE(sat)
IC(off)
Note
(Note 1)
Test Condition
IF = 5 mA, VCE = 5 V
IF = 5 mA, VCE = 5 V, GB Rank
IF = 0.5 mA, VCE = 5 V
IF = 0.5 mA, VCE = 5 V, GB Rank
IF = 1 mA, VCE = 0.4 V
IF = 1 mA, VCE = 0.4 V, GB Rank
IC = 2.4 mA, IF = 8 mA
IC = 0.2 mA, IF = 1 mA
IC = 0.2 mA, IF = 1 mA, GB Rank
VF = 0.7 V, VCE = 48 V
Min
50
100
50
100
30
Typ.
60
0.2
Max
600
600
600
600
0.3
0.3
10
Unit
%
V
µA
Note 1: See Table 8.1 for current transfer ratio.
Table
Table
Table
Table 8.1
8.1
8.1
8.1 Current Transfer Ratio (CTR) Rank (Note) (Unless otherwise specified, T
Current Transfer Ratio (CTR) Rank (Note) (Unless otherwise specified, T
Current Transfer Ratio (CTR) Rank (Note) (Unless otherwise specified, T
Current Transfer Ratio (CTR) Rank (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Rank
Blank
Y
GR
GB
BL
YH
GRL
GRH
BLL
Rank
short
code
GL
GH
B
Note
(Note 1)
(Note 1)
(Note 1)
Test Condition
IF = 5 mA, VCE = 5 V
IF = 0.5 mA, VCE = 5 V
IF = 5 mA, VCE = 5 V
IF = 0.5 mA, VCE = 5 V
IF = 5 mA, VCE = 5 V
IF = 0.5 mA, VCE = 5 V
IF = 5 mA, VCE = 5 V
IF = 0.5 mA, VCE = 5 V
IF = 5 mA, VCE = 5 V
IF = 0.5 mA, VCE = 5 V
IF = 0.5 mA, VCE = 5 V
IF = 0.5 mA, VCE = 5 V
IF = 0.5 mA, VCE = 5 V
IF = 0.5 mA, VCE = 5 V
Current transfer ratio
IC/IF
(min)
50
50
100
100
200
75
100
150
200
Current transfer ratio
IC/IF
(max)
600
150
300
600
600
150
200
300
400
Marking of
classification
Blank, YE, GR, GB,
BL, Y+, G, G+, B
YE
GR
GB, GR, BL
BL
Y+
G
G+
B
Unit
%
Note:
Specify both the part number and a rank in this format when ordering.
Example: TLP183(GB,E
For safety standard certification, however, specify the part number alone.
Example: TLP183(GB,E → TLP183
Note 1: A rank in the order name is sometimes omitted like above "Rank short code".
2019-11-18
Rev.7.0
©2016-2019
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com