Electronic Components Datasheet Search
  English  ▼

X  

AS7C1025B Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS7C1025B
Description  5V 128K X 8 CMOS SRAM (Center power and ground)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1025B Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

  AS7C1025B Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1025B Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1025B Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1025B Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1025B Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1025B Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1025B Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1025B Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1025B Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AS7C1025B
3/26/04, v. 1.3
Alliance Semiconductor
P. 7 of 9
®
Package dimensions
e
D
E1
Pin 1
b
B
A1
A2
c
E
Seating
plane
E2
A
32-pin SOJ
300 mil/400 mil
Symbol
32-pin SOJ
300 mil
32-pin SOJ
400 mil
Min
Max
Min
Max
A
0.128
0.145
0.132
0.146
A1
0.025
-
0.025
-
A2
0.095
0.105
0.105
0.115
B
0.026
0.032
0.026
0.032
b
0.016
0.020
0.015
0.020
c
0.007
0.010
0.007
0.013
D
0.820
0.830
0.820
0.830
E
0.255
0.275
0.354
0.378
E1
0.295
0.305
0.395
0.405
E2
0.330
0.340
0.435
0.445
e
0.050 BSC
0.050 BSC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com