Electronic Components Datasheet Search
  English  ▼

X  

AS7C1026B Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS7C1026B
Description  5 V 64K X 16 CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1026B Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS7C1026B Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1026B Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1026B Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1026B Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1026B Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1026B Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1026B Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1026B Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1026B Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
®
AS7C1026B
3/26/04, v 1.3
Alliance Semiconductor
P. 5 of 10
Read waveform 2 (OE, CE, UB, LB controlled)3,6,8,9
Write cycle (over the operating range) 11
Parameter
Symbol
-10
-12
-15
-20
Unit
Notes
Min Max Min Max Min Max Min Max
Write cycle time
tWC
10
–
12
–
15
–
20
-
ns
Chip enable (CE) to write end
tCW
8–9
–
10
–
12
-
ns
Address setup to write end
tAW
8–9
–
10
–
12
-
ns
Address setup time
tAS
0
–
0
–
0–0
-
ns
Write pulse width
tWP
7
–
8–9
–
12
-
ns
Write recovery time
tWR
0
–
0
–
0–0
-
ns
Address hold from end of write
tAH
0
–
0
–
0–0
-
ns
Data valid to write end
tDW
5
–
6–8
–
10
-
ns
Data hold time
tDH
0
–
0
–
0–0
-
ns
5
Write enable to output in high Z
tWZ
–
5
–6–
7
-
8
ns
4, 5
Output active from write end
tOW
1
–
1
–
1–2
-
ns
4, 5
Byte select low to end of write
tBW
7
–
8
–
9–9
-
ns
Data valid
tRC
tAA
tBLZ
tBA
tOE
tOLZ
tOH
tOHZ
tHZ
tBHZ
tACE
tLZ
Address
OE
CE
LB, UB
DataIN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com