Electronic Components Datasheet Search
  English  ▼

X  

WM8742 Datasheet(PDF) 13 Page - Cirrus Logic

Part # WM8742
Description  24-bit 192 kHz DAC with Advanced Digital Filtering
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8742 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button WM8742 Datasheet HTML 9Page - Cirrus Logic WM8742 Datasheet HTML 10Page - Cirrus Logic WM8742 Datasheet HTML 11Page - Cirrus Logic WM8742 Datasheet HTML 12Page - Cirrus Logic WM8742 Datasheet HTML 13Page - Cirrus Logic WM8742 Datasheet HTML 14Page - Cirrus Logic WM8742 Datasheet HTML 15Page - Cirrus Logic WM8742 Datasheet HTML 16Page - Cirrus Logic WM8742 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
WM8742
Rev 4.4
13
DSD AUDIO INTERFACE TIMING
DSDCLK64
DSD[0:1]
D[n]
D[n-1]
t
DH
D[n+1]
t
64CY
t
64L
t
64H
t
DS
t
DC
Figure 3 DSD Audio Timing - Normal Mode
DSDCLK64
DSD[0:1]
D[n-1]
D[n]
D[n]
D[n+1]
t64CY
tDC
t64L
Figure 4 DSD Audio Timing - Phase Modulated Mode
Test Conditions
DVDD = 3.3V, GND = 0V, TA = +25
oC, fs = 44.1kHz, DSDCLK64 = 64fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
DSDCLK64 cycle time
t64CY
354.3
ns
DSDCLK64 pulse width high
t64H
140
ns
DSDCLK64 pulse width low
t64L
140
ns
DSD[0:1] set-up time to
DSDCLK64 rising edge
tDSN
20
ns
DSD[0:1] hold time from
DSDCLK64 rising edge
tDHN
20
ns
Difference in edge timing of
DSD[0:1] to DSDCLK64
tDC
-10
10
ns
Table 3 DSD Audio Interface Timing Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com