Electronic Components Datasheet Search
  English  ▼

X  

WM8960 Datasheet(PDF) 60 Page - Cirrus Logic

Part # WM8960
Description  Speaker and Headphone Drivers for Portable Audio Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8960 Datasheet(HTML) 60 Page - Cirrus Logic

Back Button WM8960 Datasheet HTML 56Page - Cirrus Logic WM8960 Datasheet HTML 57Page - Cirrus Logic WM8960 Datasheet HTML 58Page - Cirrus Logic WM8960 Datasheet HTML 59Page - Cirrus Logic WM8960 Datasheet HTML 60Page - Cirrus Logic WM8960 Datasheet HTML 61Page - Cirrus Logic WM8960 Datasheet HTML 62Page - Cirrus Logic WM8960 Datasheet HTML 63Page - Cirrus Logic WM8960 Datasheet HTML 64Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 94 page
background image
WM8960
60
Rev 4.4
SYSCLK can either be derived directly from MCLK, or generated from a PLL using MCLK as a
reference. The clock source is selected by CLKSEL. Many commonly-used audio sample rates can be
derived directly from MCLK, while the PLL provides additional flexibility.
The ADC and DAC sample rates are independently selectable, relative to SYSCLK, using ADCDIV
and DACDIV. In master mode, BCLK is also derived from SYSCLK via a programmable clock divide
(BCLKDIV).
When the ADCLRC/GPIO1 pin is configured as a GPIO, a clock derived from SYSCLK can be output
on this pin to provide clocking for other parts of the system. The frequency of this output clock is set
by OPCLKDIV.
A slow clock derived from SYSCLK is used to de-bounce the headphone detect function, and to set
the timeout period for volume updates when zero-cross functions are used. This clock is enabled by
TOEN and its frequency is set by TOCLKSEL.
The class D outputs require a clock, and this is also derived from SYSCLK via a programmable divider
(DCLKDIV) as shown in Figure 36. The class D switching clock should be set between 700kHz and
800kHz.
The class D switching clock should not be disabled when the speaker outputs are active, as
this would prevent the speaker outputs from functioning. The class D switching clock
frequency should not be altered while the speaker outputs are active as this may generate an
audible click.
Table 39 shows the clocking and sample rate controls for MCLK input, BITCLK output (in master
mode), ADCs, DACs, class D outputs and GPIO clock output. Refer to Table 40 for example clocking
configurations.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4 (04h)
Clocking (1)
8:6
ADCDIV
[2:0]
000
ADC Sample rate divider (Also
determines ADCLRC in master mode)
000 = SYSCLK / (1.0 * 256)
001 = SYSCLK / (1.5 * 256)
010 = SYSCLK / (2 * 256)
011 = SYSCLK / (3 * 256)
100 = SYSCLK / (4 * 256)
101 = SYSCLK / (5.5 * 256)
110 = SYSCLK / (6 * 256)
111 = Reserved
5:3
DACDIV
[2:0]
000
DAC Sample rate divider (Also
determines DACLRC in master mode)
000 = SYSCLK / (1.0 * 256)
001 = SYSCLK / (1.5 * 256)
010 = SYSCLK / (2 * 256)
011 = SYSCLK / (3 * 256)
100 = SYSCLK / (4 * 256)
101 = SYSCLK / (5.5 * 256)
110 = SYSCLK / (6 * 256)
111 = Reserved
2:1
SYSCLKDIV
[1:0]
00
SYSCLK Pre-divider. Clock source
(MCLK or PLL output) will be divided by
this value to generate SYSCLK.
00 = Divide SYSCLK by 1
01 = Reserved
10 = Divide SYSCLK by 2
11 = Reserved
0
CLKSEL
0
SYSCLK selection
0 = SYSCLK derived from MCLK
1 = SYSCLK derived from PLL output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com