Electronic Components Datasheet Search
  English  ▼

X  

QM57 Datasheet(PDF) 2 Page - Intel Corporation

Part # QM57
Description  Intel짰 Core??i5 Processor with Mobile Intel짰 QM57 Express Chipset Development Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

QM57 Datasheet(HTML) 2 Page - Intel Corporation

  QM57 Datasheet HTML 1Page - Intel Corporation QM57 Datasheet HTML 2Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Intel in Embedded and Communications: intel.com/embedded
included in the Kit
The Intel Core i5 processor with Mobile
Intel QM57 Express chipset development
kit ships as a complete system in an ATX
chassis and includes the following:
• Development board
• Two (2)x1 GB 1066 MHz SO-DIMMs
• Port80 card
• PCI extension card
• 80 GB SATA hard drive
• DVD-ROM SATA drive
• Power supply
• Pre-installed jumpers
• BIOS pre-installed in flash memory
• Collateral and Drivers CD
Software Overview
The following independent operating systems and BIOS vendors support platforms
based on the Intel Core i5 processor with Mobile Intel QM57 Express chipset
development kit.
OPerating SyStem
cOntact
BiOS
Windows Server* 2003/2008
Intel provides drivers5
American Megatrends
Windows* 7
Intel provides drivers5
Insyde Software
Microsoft Windows* XP SP3
Intel provides drivers5
Phoenix Technologies
Microsoft Windows Embedded Standard (XPe)
Intel provides drivers5
Microsoft Windows POSReady 2009
Intel provides drivers5
Red Hat Enterprise Linux* 5.1
Red Hat
Red Hat Fedora Core* 10
Red Hat
SUSE Enterprise Linux* 11
Novell
Wind River Linux* 3.0
Wind River
Wind River VxWorks* 6.8
Wind River
Intel strives to provide customers with a complete development environment supporting
customer applications and operating systems. Any software provided in this development
kit is subject to change without notice. Customers are encouraged to check for software
updates at intel.com/design/intarch/devkits/index.htm.
Order information
EMBI57QM57RFDK
∆
Intel processor numbers are not a measure of performance. Processor numbers differentiate features within each processor family, not across different processor families. See www.intel.com/products/processor_number for details.
1
The Intel® Core™ i7-620M Processor at 3.3 GHz max core frequency is also supported. Please contact your Intel sales representative for more information.
2
Intel® Turbo Boost Technology requires a Platform with a processor with Intel Turbo Boost Technology capability. Intel Turbo Boost Technology performance varies depending on hardware, software and overall system configuration. Check with
your platform manufacturer on whether your system delivers Intel Turbo Boost Technology. For more information, see www.intel.com/technology/turboboost.
3
Hyper-Threading Technology requires a computer system with a processor supporting Hyper-Threading Technology and an HT Technology enabled chipset, BIOS and operating system. Performance will vary depending on the specific hardware
and software you use. See www.intel.com/info/hyperthreading/ for more information including details on which processors support HT Technology.
4
Intel® High Definition Audio requires a system with an appropriate Intel chipset and a motherboard with an appropriate codec and the necessary drivers installed. System sound quality will vary depending on actual implementation, controller,
codec, drivers and speakers. For more information about Intel® HD audio, refer to http://www.intel.com/.
5
Drivers available at: downloadcenter.intel.com (enter chipset name).
INFORMATION IN THIS DOCUMENT IS PROVIDED IN CONNECTION WITH INTEL® PRODUCTS. NO LICENSE, EXPRESS OR IMPLIED, BY ESTOPPEL OR OTHERWISE,
TO ANY INTELLECTUAL PROPERTY RIGHTS IS GRANTED BY THIS DOCUMENT. EXCEPT AS PROVIDED IN INTEL’S TERMS AND CONDITIONS OF SALE FOR SUCH
PRODUCTS, INTEL ASSUMES NO LIABILITY WHATSOEVER, AND INTEL DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY, RELATING TO SALE AND/OR USE OF INTEL
PRODUCTS INCLUDING LIABILITY OR WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT,
COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS OTHERWISE AGREED IN WRITING BY INTEL, THE INTEL PRODUCTS ARE NOT DESIGNED NOR
INTENDED FOR ANY APPLICATION IN WHICH THE FAILURE OF THE INTEL PRODUCT COULD CREATE A SITUATION WHERE PERSONAL INJURY OR DEATH MAY OCCUR.
Intel may make changes to specifications and product descriptions at any time, without notice. Designers must not rely on the absence or characteristics of any features or instructions
marked “reserved” or “undefined.” Intel reserves these for future definition and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future changes to
them. The information here is subject to change without notice. Do not finalize a design with this information.
The products described in this document may contain design defects or errors known as errata which may cause the product to deviate from published specifications. Current
characterized errata are available on request. Contact your local Intel sales office or your distributor to obtain the latest specifications and before placing your product order. Copies
of documents which have an order number and are referenced in this document, or other Intel literature, may be obtained by calling 1-800-548-4725, or by visiting Intel’s Web site
at www.intel.com.
Copyright © 2009 Intel Corporation. All rights reserved. Intel, the Intel logo, and Core are trademarks of Intel Corporation in the U.S. and other countries.
*Other names and brands may be claimed as the property of others.
Printed in USA
1209/KSC/OCG/XX/PDF
Please Recycle
322941-001US



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com