Electronic Components Datasheet Search
  English  ▼

X  

WLE600VX Datasheet(PDF) 5 Page - Compex Systems Pte. Lte.

Part # WLE600VX
Description  Dual Band 5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPEX [Compex Systems Pte. Lte.]
Direct Link  https://compex.com.sg/
Logo COMPEX - Compex Systems Pte. Lte.

WLE600VX Datasheet(HTML) 5 Page - Compex Systems Pte. Lte.

  WLE600VX Datasheet HTML 1Page - Compex Systems Pte. Lte. WLE600VX Datasheet HTML 2Page - Compex Systems Pte. Lte. WLE600VX Datasheet HTML 3Page - Compex Systems Pte. Lte. WLE600VX Datasheet HTML 4Page - Compex Systems Pte. Lte. WLE600VX Datasheet HTML 5Page - Compex Systems Pte. Lte.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
wireless 11ac modules
5
Compex Systems Pte Ltd | www.compex.com.sg | (+65) 6286 2086 | sales@compex.com.sg | Last Updated: 17/02/20 SL
Copyright © Compex Systems. All rights reserved. COMPEX and the COMPEX logo, are registered trademarks of Compex Systems Pte Ltd.
While every effort is made to ensure the information is accurate, Compex does not accept liability for any errors or mistakes that may arise.
All specifications are subject to change without notice.
Ordering Configuration
Item Code
Model
Description
WLE600VX 7AA000S
WLE600VX
2x2 802.11a/b/g/n/ac
2.4GHz/5GHz miniPCIe card



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com