Electronic Components Datasheet Search
  English  ▼

X  

BL652 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # BL652
Description  Bluetooth짰 Smart v4.2 NFC Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BL652 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  BL652 Datasheet HTML 1Page - Laird Tech Smart Technology BL652 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Laird BL652 Series Bluetooth® Smart v4.2 + NFC Module
Product Brief
Contact Sales -
Americas:
+1 262 375 4400
Korea:
+82 10 2622 3935
Europe:
+44 1628 940 ext. 958
Hong Kong: +852 2923 0610
For documentation, software, sample apps and more visit:
http://www.lairdtech.com/products/BL652-BLE-Module
Key Specifications
Category
Feature
Specification
Wireless
Specification
Bluetooth®
V4.2 – Single-Mode (Peripheral and Central Roles)
Frequency
2.402 - 2.480 GHz
Transmit Power
+ 4 dBm (maximum). Configurable down to -40 dBm
Receive Sensitivity
-96 dBm (typical)
Link Budget
100 dB (conducted)
Antenna Options
Chip antenna or IPEX MHF4 Connector
Raw Data Rates (Air)
1 Mbps
Host Interface
and Peripherals
UART Interface
TX, RX, CTS, RTS. DTR, DSR, DCD, RI possible in smartBASIC (GPIO)
Default 115200, N, 8, 1. From 1200 bps to 1 Mbps
Other
GPIO (31 maximum configurable lines), I2C (1 from GPIO), SPI (1 from GPIO), ADC
(8 from GPIO), PWM and FREQ (Up to 12), NFC (1 in NFC-A Listen Mode, Type 2)
Profiles
Bluetooth Low Energy
GATT Client & GATT Server – Any Adopted or Custom Services
Roles
Bluetooth Low Energy
Central or Peripheral Role. Programs can be loaded via UART or over the air.
Programmability
smartBASIC
On-board BASIC programming language
Nordic SDK
Software / Support available from Nordic directly
Control Protocols
Any that can be implemented using smartBASIC
vSP – Virtual Serial Port for BLE
Bluetooth Low Energy
Max 8 connections
FW upgrade
Via UART or JTAG
Supply Voltage
1.8V – 3.6V
Power
Consumption
Current
Max Peak Radio Current (@ +4dBm TX) – 7.5mA (DCDC)
Standby Doze – 1.2 uA
Deep Sleep –0.4uA (external signal wake up)
Physical
Dimensions
14mm x 10mm x 2.1mm
Environmental
Temperature Range
-40°C to +85°C
Miscellaneous
Lead Free
Lead-free and RoHS compliant
Development Kit
Development board and free software tools
Development
Tools
Utilities
UwTerminalX (Multi-platform)
Android and iOS applications
UART firmware upgrade
Qualifications
Bluetooth®
Complete Declaration ID (pending)
Approvals
FCC / IC / CE / MIC
All BL652 Series (pending)
For full specifications on BL652 modules, please see the appropriate Datasheet (Hardware Integration Guide).
Part #
Description
BL652-SA
Bluetooth Smart v4.2 + NFC Module – Integrated Antenna
BL652-SC
Bluetooth Smart v4.2 + NFC Module – IPEX MHF4 Antenna Connector
DVK-BL652-SA
Development Board for BL652-SA
DVK-BL652-SC
Development Board for BL652-SC
Did You Know?
RF Hardware & Antenna Design
Software/Firmware Development
Mobile App / Cloud Development
Industrial Design
Mechanical Engineering
On-Site FCC/IC/CE/Giteki/RCM EMC
Certification
Wireless & Antenna Testing
EMC Emissions Testing
International Testing Services
To learn more about Design Services
and Testing, contact us:
CS-Sales@lairdtech.com
262.375.4400
www.lsr.com
LSR, a Laird Business, is a leader in Wireless Product Development, offering true
end-to-end solutions through its array of services & technical expertise



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com