Electronic Components Datasheet Search
  English  ▼

X  

BL654 Datasheet(PDF) 33 Page - Laird Tech Smart Technology

Part # BL654
Description  Every BL654 Series module is designed to simplify OEMs enablement of Bluetooth Low Energy (BLE) v5.1 and Thread (802.15.4) to small, portable, power-conscious devices.
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BL654 Datasheet(HTML) 33 Page - Laird Tech Smart Technology

Back Button BL654 Datasheet HTML 29Page - Laird Tech Smart Technology BL654 Datasheet HTML 30Page - Laird Tech Smart Technology BL654 Datasheet HTML 31Page - Laird Tech Smart Technology BL654 Datasheet HTML 32Page - Laird Tech Smart Technology BL654 Datasheet HTML 33Page - Laird Tech Smart Technology BL654 Datasheet HTML 34Page - Laird Tech Smart Technology BL654 Datasheet HTML 35Page - Laird Tech Smart Technology BL654 Datasheet HTML 36Page - Laird Tech Smart Technology BL654 Datasheet HTML 37Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
https://www.lairdconnect.com/wireless-
modules/bluetooth-modules/bluetooth-5-
modules/bl654-series-bluetooth-module-nfc
33
© Copyright 2020 Laird Connectivity.
All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
The BL654 supports readback protection capability that disallows the reading of the memory on the nrf52840 using a JTAG
interface. Available via smartBASIC or the Nordic SDK.
The BL654 offers a range of functions for generating public/private keypair, calculating a shared secret, as well as generating an
authenticated hash. Available via smartBASIC or the Nordic SDK.
This is not required for normal BL654 module operation.
The BL654 uses the on-chip 32.76 kHz RC oscillator (LFCLK) by default (which has an accuracy of ±500 ppm) which requires
regulator calibration (every eight seconds) to within ±500 ppm.
You can connect an optional external high accuracy (±20 ppm) 32.768 kHz crystal (and associated load capacitors) to the
BL654SIO_01/XL2 (pin 41) and SIO_00/XL1 (pin 42) to provide improved protocol timing and to help with radio power
consumption in the system standby doze/deep sleep modes by reducing the time that the RX window needs to be open. Table
23 compares the current consumption difference between RC and crystal oscillator.
Table 23: Comparing current consumption difference between BL654 on-chip RC 32.76 kHz oscillator and optional
external crystal (32.768kHz) based oscillator
BL654 On-chip 32.768 kHz RC Oscillator
(±500 ppm) LFRC
Optional External Higher Accuracy (±20
ppm) 32.768 kHz Crystal-based Oscillator
LFXO
Current Consumption
of 32.768 kHz Block
0.7 uA
0.23 uA
Standby Doze Current
(SYSTEM ON IDLE +full
RAM retention +RTC
run current + LFRC or
LFXO)
3.1 uA
2.6 uA
Calibration
Calibration required regularly (default eight
seconds interval).
Calibration takes 33 ms; with DCDC used, the
total charge of a calibration event is 16 uC.
The average current consumed by the
calibration depends on the calibration interval
and can be calculated using the following
formula:
CAL_charge/CAL_interval
– The lowest
calibration interval (0.25 seconds) provides an
average current of (DCDC enabled):
16uC/0.25s = 64uA
To get the 500-ppm accuracy, the BLE stack
specification states that a calibration interval of
eight seconds is enough. This gives an
average current of:
16uC/8s = 2 uA
Added to the LFRC run current and Standby
Doze (IDLE) base current shown above results
Not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com