Electronic Components Datasheet Search
  English  ▼

X  

BL652-SC Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # BL652-SC
Description  Bluetooth짰 Smart v4.2 NFC Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BL652-SC Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  BL652-SC Datasheet HTML 1Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
Contact Sales -
Americas:
+1 262 375 4400
Korea:
+82 10 2622 3935
Europe:
+44 1628 940 ext. 958
Hong Kong: +852 2923 0610
For documentation, software, sample apps and more visit:
http://www.lairdtech.com/products/BL652-BLE-Module
BL652 Series
Bluetooth® Smart v4.2 + NFC Module
NEXT-GEN BLE AND NFC ON ONE MODULE
Laird’s BL652 contains the latest generation
silicon with Bluetooth Smart v4.2 capabilities and
groundbreaking ultra-low power performance.
Building on the expertise of the BL600 Series, the
BL652’s smaller form factor, class leading Nordic
nRF52 silicon, optimized low power schemes
and smartBASIC programming language
provide a secure, stable, hostless Bluetooth
environment. The BL652 introduces Bluetooth
v4.2 and NFC, bringing industrial security and
feature expansion to Laird’s proven Bluetooth
Low Energy modules. In addition, the BL652
contains Bluetooth 5 ready hardware, pending
the release of the Bluetooth 5 specification. Let
Laird’s innovative BL652 series and decades of
expertise in Bluetooth module design speed your
product to market.
Bluetooth v4.2 Bluetooth Low Energy (BLE) plus NFC
Widest range of configurable interfaces: UART, I2C,
SPI, ADC, GPIO, PWM, FREQ, and NFC
Industrial Temp Rating (-40º to +85º C)
Ultra-Small footprint (14mm x 10mm x 2.1mm)
BLE Peripheral/Central roles with DTM embedded
Major security upgrades: AES-128, Diffie-Hellman
pairing, link layer privacy
Hostless operation – Internal MCU reduces BOM
Larger flash file systems for data and app storage
Built on years of experience with Nordic (BL600
Series BLE modules)
Fully featured development kit with Arduino shield
connectors, support for multiple external sensors
Application Design Choice: Leverage Laird’s
smartBASIC or utilize Nordic SDK directly.
Features at a Glance
TRULY HOSTLESS OPERATION FOR AUTOMATED USE CASES
On-module MCU, smartBASIC and simultaneous
central/peripheral role support combine for a powerful
hostless solution for sensor applications.
Application areas
SPEED TO MARKET
Easily write event-driven, automated applications, no
toolchain required with smartBASIC. Or utilize the Nordic
SDK directly.
EIoT Devices and Sensors
EXTREMELY EFFICIENT POWER MANAGEMENT
Customize to balance throughput with power usage,
enabled by ultra-low power sleep mode.
Beacons and Proximity
Applications
GLOBAL APPROVALS – MAKE YOURSELF AT HOME
Carries several modular FCC, IC, CE, MIC and Bluetooth
SIG approvals.
Secure Medical Peripherals
PERSONAL SUPPORT FROM DESIGN TO MANUFACTURE
Laird’s industry-renowned support is passionate about
helping you speed your design to market.
Industrial Monitoring


Similar Part No. - BL652-SC

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
BL652-SC LSTD-BL652-SC Datasheet
2Mb / 69P
Input with active low logic. Internal pull down
More results

Similar Description - BL652-SC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX9838_0709 NSC-LMX9838_0709 Datasheet
1Mb / 30P
Bluetooth짰 Serial Port Module
logo
STMicroelectronics
BT-STA2425 STMICROELECTRONICS-BT-STA2425 Datasheet
433Kb / 13P
Bluetooth® technology module
10-Dec-2007
logo
Panasonic Semiconductor
PAN1321I PANASONIC-PAN1321I Datasheet
658Kb / 2P
BLUETOOTH짰 RF MODULE
logo
Texas Instruments
CC2564-PAN1326 TI1-CC2564-PAN1326 Datasheet
27Kb / 2P
Dual Mode Bluetooth짰 Smart Ready
CC256X TI1-CC256X Datasheet
567Kb / 47P
Bluetooth짰 Smart Ready Controller
logo
STMicroelectronics
SPBTLE-1S STMICROELECTRONICS-SPBTLE-1S Datasheet
929Kb / 27P
Very low power application processor module for Bluetooth® Low Energy v4.2
October 2017 Rev 3
logo
List of Unclassifed Man...
AP6255 ETC2-AP6255 Datasheet
1Mb / 34P
WiFi 11ac Bluetooth V4.2 Module
logo
Mitsumi Electronics, Co...
WML-C95 MITSUMI-WML-C95 Datasheet
76Kb / 2P
Bluetooth짰 HCI Module
logo
STMicroelectronics
BLUENRG-M0 STMICROELECTRONICS-BLUENRG-M0 Datasheet
2Mb / 28P
Very low power network processor module for Bluetooth® low energy v4.2
Mar-2020
SPBT3.0DP2 STMICROELECTRONICS-SPBT3.0DP2 Datasheet
839Kb / 31P
Bluetooth® Classic module
May-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com