Electronic Components Datasheet Search
  English  ▼

X  

CF500 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # CF500
Description  EcoFoamTM Conductive Foam
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CF500 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  CF500 Datasheet HTML 1Page - Laird Tech Smart Technology CF500 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CF500 Series
EcoFoam
TM Conductive Foam
USA: +1.800.843.4556
Europe: +49.8031.24600
Asia: +86.755.2714.1166
www.laird.com
EMI-DS-FOF-ECOFOAM-CF500_1119
Any information furnished by Laird Technologies, Inc., and/or its affiliate companies (collectively, “Laird”) and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the
use and application of Laird materials rests with the end user. Laird and its agents make no warranties as to the fitness, merchantability, suitability or non- infringement of any Laird materials or products for any specific or general uses.
Laird shall not be liable for incidental or consequential damages of any kind. All Laird products are sold pursuant to the Laird’s Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. ©
Copyright 2017 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and other marks are trademarks or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof.
Other product or service names may be the property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights. Version A01
CHARACTERISTIC
ITEM
UNIT
TYPICAL VALUE
TEST METHOD
Thickness Tolerance
mm
±0.2mm (≦2.0mm)
±10% (>2.0mm)
-
Shielding Effectiveness
MIL-DTL-83528C
(modified)
@300MHz
dB
98 average
(Result of CF520)
@3GHz
dB
108 average
Z-axis Resistance
Ω
<0.2
Laird internal method ;
25mm x 25mm sample
@ 50% compression ratio
Operation Temperature
℃
-40 to 85
Hazardous Substance
Compliant with RoHS(Directive 2011/65/EU)
Compliant with SONY ss-00259
Halogen-free (based on IEC-61249-2-21)
Antimony-free
Shelf Life
12 months at 23℃/60% R.H.
Note 1: Color among different thicknesses will be varied.
Note 2: Compress the product to the bottom (or high compression ratio) during processing or application may increase
the z-axis resistance.
RDERING INFORMATION
PART NUMBER EXAMPLE
Digits:
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
C
F
5
2
0
A
A
0
1
0
5
0
2
0
0
1st to 5th :
PRODUCT NAME
EX: CF520
4th to 5th :
THICKNESS CODE
EX: 10=1.0mm
(if the thickness is less
than 10mm)
EX: A0=10mm
EX: A2=12mm
(if the thickness is 10mm
or above)
6th to 7th :
ENG CODE:
this is defined by
Laird Eng Team
EX: A-Z, 0-9
12th to 15th :
PRODUCT LENGTH
EX: 0200=20.0mm
8th to 11th:
PRODUCT WIDTH
EX: 0105=10.5mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com