Electronic Components Datasheet Search
  English  ▼

X  

LP141WX3 Datasheet(PDF) 5 Page - LG Semicon Co.,Ltd.

Part # LP141WX3
Description  14.1??WXGA TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP141WX3 Datasheet(HTML) 5 Page - LG Semicon Co.,Ltd.

  LP141WX3 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Product Specification
4 / 31
LP141WX3
Liquid Crystal Display
Ver. 1.0
Apr. 23, 2008
1. General Description
General Features
Anti-glare treatment of the front polarizer
Surface Treatment
6-bit, 262,144 colors
Color Depth
1280 horiz. By 800 vert. Pixels RGB strip arrangement
Pixel Format
200 cd/m2(Min.5 point)
Luminance, White
Total 5.45 Watt(Typ.) @ LCM circuit 1.25 Watt(Typ.), B/L input 4.2Watt(Typ.)
Power Consumption
425g(Max.)
Weight
Transmissive mode, normally white
Display Operating Mode
Yes
RoHS Comply
0.2373mm × 0.2373 mm
Pixel Pitch
319.5(H,Typ.) × 205.5(V,Typ.) × 5.5(D,Max.) [mm]
Outline Dimension
14.1 inches diagonal
Active Screen Size
The LP141WX3 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode Fluorescent
Lamp (CCFL) backlight system. The matrix employs a-Si Thin Film Transistor as the active element. It is a
transmissive type display operating in the normally white mode. This TFT-LCD has 14.1 inches diagonally
measured active display area with WXGA resolution(800 vertical by 1280 horizontal pixel array). Each pixel
is divided into Red, Green and Blue sub-pixels or dots which are arranged in vertical stripes. Gray scale or
the brightness of the sub-pixel color is determined with a 6-bit gray scale signal for each dot, thus, presenting
a palette of more than 262,144 colors.
The LP141WX3 has been designed to apply the interface method that enables low power, high speed, low
EMI.
The LP141WX3 is intended to support applications where thin thickness, low power are critical factors and
graphic displays are important. In combination with the vertical arrangement of the sub-pixels, the
LP141WX3 characteristics provide an excellent flat display for office automation products such as Notebook
PC.
Control & Data
Power
EDID signal & Power
TFT-LCD Panel
(1280 x 800)
1
800
1
1280
1
30
POWER
BLOCK
EDID
BLOCK
Source Driver Circuit
Backlight Ass’y
CN
LVDS &
Timing
Control
Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com