Electronic Components Datasheet Search
  English  ▼

X  

LP173WD1-TLA2 Datasheet(PDF) 23 Page - LG Semicon Co.,Ltd.

Part # LP173WD1-TLA2
Description  17.3??HD TFT LCD
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP173WD1-TLA2 Datasheet(HTML) 23 Page - LG Semicon Co.,Ltd.

Back Button LP173WD1-TLA2 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LP173WD1-TLA2 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LP173WD1-TLA2 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LP173WD1-TLA2 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LP173WD1-TLA2 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LP173WD1-TLA2 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LP173WD1-TLA2 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LP173WD1-TLA2 Datasheet HTML 26Page - LG Semicon Co.,Ltd. LP173WD1-TLA2 Datasheet HTML 27Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Product Specification
LP173WD1
Liquid Crystal Display
6. Reliability
Environment test condition
No.
Test Item
Conditions
1
High temperature storage test
Ta= 60
°C, 240h
2
Low temperature storage test
Ta= -20
°C, 240h
3
High temperature operation test
Ta= 50
°C 50%RH 240h
3
High temperature operation test
Ta= 50 C, 50%RH, 240h
4
Low temperature operation test
Ta= 0
°C, 240h
5
Vibration test (non-operating)
Sine wave, 5 ~ 150Hz, 1.5G, 0.37oct/min
3 axis, 30min/axis
6
Shock test (non-operating)
Half sine wave, 180G, 2ms
one shock of each six faces(I.e. run 180G 2ms
for all six faces)
{ Result Evaluation Criteria }
7
Altitude
operating
storage / shipment
0 ~ 10,000 feet (3,048m) 24Hr
0 ~ 40,000 feet (12,192m) 24Hr
8
Image Sticking 1)
Ta= 25
°C, Pattern : Mosaic(8 by 6),
Operating Time : 30 min
Lamp Operating Current : 6.0mA
{ Result Evaluation Criteria }
There should be no change which might affect the practical display function when the display quality
test is conducted under normal operating condition.
After 30 minutes
1)
<Judgment Condition>
: Operating during 30 minutes with Mosaic Pattern(8 by 6), there is no Image Sticking
after 10 second with half gray pattern.
Mosaic Pattern(8 by 6)
Half Gray
Ver. 1.0
27.May, 2009
23/ 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com