Electronic Components Datasheet Search
  English  ▼

X  

PR4403 Datasheet(PDF) 2 Page - PREMA Semiconductor.

Part # PR4403
Description  0.9 V Boost Driver PR4403 for White LEDs in Solar Lamps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR4403 Datasheet(HTML) 2 Page - PREMA Semiconductor.

  PR4403 Datasheet HTML 1Page - PREMA Semiconductor. PR4403 Datasheet HTML 2Page - PREMA Semiconductor. PR4403 Datasheet HTML 3Page - PREMA Semiconductor. PR4403 Datasheet HTML 4Page - PREMA Semiconductor. PR4403 Datasheet HTML 5Page - PREMA Semiconductor. PR4403 Datasheet HTML 6Page - PREMA Semiconductor. PR4403 Datasheet HTML 7Page - PREMA Semiconductor. PR4403 Datasheet HTML 8Page - PREMA Semiconductor. PR4403 Datasheet HTML 9Page - PREMA Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LED Driver PR4403
Characteristics
PIN DESCRIPTION
11
2
3
4
11
18
7
6
5
test
LS
Vout
n.c.
Vcc
n.c.
Vout
Gnd
Package SO8 (150 mil)
Pin No
Pin Name Pin Function Description
1
test
test pin - do not connect
2
LS
LS - Enable Pin
3
Vout
Output voltage,
LED connection
Connect both pin 3 and 6!
4
n.c.
Not connected
5
Gnd
Ground connection
6
Vout
Output voltage,
LED connection
Connect both pin 3 and 6!
7
n.c.
not connected
8
Vcc
Supply voltage
BLOCK DIAGRAM
Ref.
Vcc
Vout
Comp.
Control
Logic
Comp.
LS
Ref.
Vcc
Gnd
Vout
Comp.
Control
Logic
LS
Ref.
R1
R2
ABSOLUTE MAXIMUM RATINGS
Parameter
Min
Max
Units
VCC (no damage)
-0.3
8
[V]
VLS (no damage)
-0.3
6
[V]
Operating Temperature
Range
-20
85
[°C]
Storage Temperature
Range
-55
150
[°C]
Electrostatic Discharge
(ESD) Protection
2
[kV]
© PREMA Semiconductor GmbH 2006-2014 I rev. 1014
Page 2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com