Electronic Components Datasheet Search
  English  ▼

X  

PW510 Datasheet(PDF) 1 Page - SJM Prewell. All Rights Reserved.

Part # PW510
Description  CATV Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PW510 Datasheet(HTML) 1 Page - SJM Prewell. All Rights Reserved.

  PW510 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PW510 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PW510 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.prewell.com
1
CATV Amplifier
SJM PREWELL
PW510
Products and product information are subject to change without notice. Version 0.3
Features
•
45-1000MHz
•
Gain 20.5dB @45MHz
•
CSO 56dBc @25dBmV
•
CTB 74dBc @25dBmV
•
NF 3.5dB @400MHz
•
Lead-free/Green/
compliant SOT-89Package
Description
The PW510 is a high performance InGaP HBT MMIC Amplifier and
consists of Darlington pair amplifiers that is internally matched to
75Ω input/output. The features of PW510 are high gain, high linear
performance, high reliability and low noise as a CATV amplifier. The
PW510 operates from a single voltage supply and requires only two
DC-blocking capacitors, a bias resistor and an inductor for operation.
The device is a general purpose CATV amplifier that offers high
dynamic range in a low cost surface-mounted plastic SOT-89
package.Alldevicesare100% RFandDC tested.
Specifications
1) TestConditions :T=25°C, SupplyVoltage=6V, 75ohmSystem
2) Note1. TwoTones,1MHz Spacing, 5dBmperToneatOutput
3) Note2. fp=851.25MHz;Vp=Vo;fq=858.25MHz;Vq=Vo-6dB;fr=860.25MHz;Vr=Vo-6dB;measured
atfp+fq-fr=849.25MHz
4) Note3. fp=55.25MHz;Vp=40dBmV, fq=805.25MHz;Vq=40dBmV, measuredatfp+fq=860.5MHz
Absolute Maximum Ratings
Parameter
Rating
Unit
DeviceVoltage
6
V
DeviceCurrent
170
mA
RFPowerInput
10
dBm
StorageTemperature
-55to150
°C
AmbientOperatingTemperature
-40to85
°C
JunctionTemperature
187
°C
Parameter
Units
Typ.
Condition
S21
dB
20.5
45~1000MHz
S11
dB
-13
45~1000MHz
S22
dB
-14
45~1000MHz
CSO
dBc
56
25dBmV/132chFlat
CTB
dBc
77
25dBmV/132chFlat
OIP3
dBm
36.5
Note12)
P1dB
dBm
20.0
Vo
dBmV
57.8
Note23)
d2
dBc
60.7
Note34)
NF
dB
3.5
V/I
V/mA
5.4/90
Rth
°C/W
54
4
1
2
3
ESD/MSL
ESDsensitive device. Observe
handling precautions.
2 HBM:Class2,JESD22-A114
3 CDM:ClassC3,JESD22-C101F
4 MSL 3,J-STD-020
Functional Diagram
RF IN
GND
1
2,4
RF OUT/ Bias
3
1) Stressesabovethe maximum valueslisted havemaycausepermanent damage tothedevice.
2) MTTFismorethan 100years.
Applications
•
Headend
•
Drop Amplifier
•
CableModem
•
LaserDiode Driver
•
FTTHReceiver
•
OpticalTransmitter
•
RFoG /MOCA


Similar Part No. - PW510

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
PW5111A-Z3 ROITHNER-PW5111A-Z3 Datasheet
161Kb / 1P
superior weather-resistance
More results

Similar Description - PW510

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE308 RFHIC-AE308_14 Datasheet
347Kb / 4P
CATV Amplifier
logo
SJM Prewell. All Rights...
PG885 SJM-PG885 Datasheet
311Kb / 3P
CATV Amplifier
PK857 SJM-PK857 Datasheet
220Kb / 3P
CATV Amplifier
PW111 SJM-PW111_V01 Datasheet
214Kb / 3P
CATV Amplifier
PT818 SJM-PT818 Datasheet
462Kb / 5P
CATV Amplifier
PT815 SJM-PT815 Datasheet
457Kb / 4P
CATV Amplifier
PW125 SJM-PW125 Datasheet
321Kb / 5P
CATV Amplifier
PW210 SJM-PW210 Datasheet
205Kb / 3P
CATV Amplifier
PW290 SJM-PW290 Datasheet
204Kb / 3P
CATV Amplifier
PW470 SJM-PW470 Datasheet
326Kb / 4P
CATV Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com