Electronic Components Datasheet Search
  English  ▼

X  

EC25 Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # EC25
Description  IoT/M2M-optimized LTE Cat 4 Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

EC25 Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  EC25 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. EC25 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
32.0 mm
2.4mm
Quectel EC25
IoT/M2M-optimized
LTE Cat 4 Module
Variant for EMEA/Korea/Thailand
EC25-E:
LTE FDD: B1/B3/B5/B7/B8/B20
LTE TDD: B38/B40/B41
WCDMA: B1/B5/B8
GSM: B3/B8
Variants for North America
EC25-A:
LTE FDD: B2/B4/B12
WCDMA: B2/B4/B5
EC25-V:
LTE FDD: B4/B13
Variants for Australia/New Zealand/Taiwan/
Brazil
EC25-AU:
LTE FDD: B1/B2
①/B3/B4/B5/B7/B8/B28
LTE TDD: B40
WCDMA: B1/B2/B5/B8
GSM: B2/B3/B5/B8
EC25-AUT:
LTE FDD: B1/B3/B5/B7/B28
WCDMA: B1/B5
EC25-AUTL:
LTE FDD: B3/B7/B28
Variant for Japan
EC25-J:
LTE FDD: B1/B3/B8/B18/B19/B26
LTE TDD: B41
WCDMA: B1/B6/B8/B19
Data
LTE:
LTE FDD: Max 150Mbps (DL)/Max 50Mbps (UL)
LTE TDD: Max 130Mbps (DL)/Max 35Mbps (UL)
UMTS:
DC-HSDPA: Max 42Mbps (DL)
HSUPA: Max 5.76Mbps (UL)
WCDMA: Max 384Kbps (DL)/Max 384Kbps (UL)
GSM:
EDGE: Max 296Kbps (DL)/Max 236.8Kbps (UL)
GPRS: Max 107Kbps (DL)/Max 85.6Kbps (UL)
Voice
Speech Codec Modes:
HR/FR/EFR/AMR/AMR-WB
Echo Arithmetic:
Echo Cancellation/Noise Reduction
Audio:
Digital Audio and VoLTE (Voice over LTE)
(Optional)
Interfaces
USB 2.0 with High Speed up to 480Mbps
Digital Audio through PCM (Optional)
1.8V/3.0V (U)SIM Interface
NETLIGHT × 2 (NET_STATUS and NET_MODE)
UART × 2 (Main UART and Debug UART)
RESET
PWRKEY
Solder pads for Primary, Rx-diversity and GNSS
Antennas
ADC × 2
SDIO × 2 (for Wi-Fi and SD card)
Enhanced Features
SDIO Interface for Wi-Fi Function (Optional)
UART/PCM Interfaces for BT4.0 Function*
eCall*
DTMF
Audio Playback/Audio Recording
QuecFile*
(U)SIM Card Detection
DFOTA*:
Delta Firmware Upgrade Over the Air
GNSS:
GPS/GLONASS/BeiDou/Galileo/QZSS (Optional)
Electrical Characteristics
Output Power:
Class 3 (23dBm±2dB) for LTE FDD
Class 3 (23dBm±2dB) for LTE TDD
Class 3 (24dBm+1/-3dB) for TD-SCDMA
Class 3 (24dBm+1/-3dB) for WCDMA
Class E2 (27dBm±3dB) for EDGE 850/900MHz
Class E2 (26dBm+3/-4dB) for EDGE
1800/1900MHz
Class 4 (33dBm±2dB) for GSM 850/900MHz
Class 1 (30dBm±2dB) for GSM 1800/1900MHz
Consumption:
20uA @Power off
3mA @Sleep, Typ.
22mA @Idle
Sensitivity:
LTE B1: -101.5dBm (10M)
LTE B2: -101dBm (10M)
LTE B3: -101.5dBm (10M)
LTE B4: -101dBm (10M)
LTE B5: -101dBm (10M)
LTE B7: -99.5dBm (10M)
LTE B8: -101dBm (10M)
LTE B12: -101dBm (10M)
LTE B13: -100dBm (10M)
LTE B20: -102.5dB (10M)
LTE B28: -102dBm (10M)
WCDMA B1: -110dBm
WCDMA B2: -110dBm
WCDMA B4: -110dBm
WCDMA B5: -110.5dBm
WCDMA B8: -110.5dBm
GSM: -109dBm
DCS: -109dBm
Software Features
USB Serial Driver:
Windows XP, Windows Vista,
Windows 7/8/8.1/10, Windows CE 5.0/6.0/7.0*,
Linux 2.6/3.x/4.1, Android 4.x/5.x/6.x/7.x
RIL Driver:
Android 4.x/5.x/6.x/7.x
NDIS Driver:
Windows 7/8/8.1/10
ECM Driver*:
Linux 2.6/3.x/4.1
Gobinet Driver:
Linux 2.6/3.x/4.1
Linux qmi wwan Driver:
3.x (3.4 or later)/4.1
Protocols:
TCP/UDP/PPP/FTP/HTTP/NTP/PING/QMI/
CMUX*/HTTPS*/SMTP*/MMS*/FTPS*/SMTPS*/
SSL*/FILE*
General Features
3GPP E-UTRA Release 11
Bandwidth: 1.4/3/5/10/15/20MHz
Temperature Range: -40°C ~ +85°C
Dimensions: 32.0mm x 29.0mm x 2.4mm
LCC Package
Approx. 4.9g
Supply Voltage: 3.3V~4.3V, 3.8V Typ.
3GPP TS27.007 and Enhanced AT Commands
Approvals
RoHS Compliant
CE/GCF/Vodafone* (Europe)
FCC/PTCRB/AT&T/Verizon* (North America)
RCM/Telstra (Australia)
JATE/TELEC/DOCOMO*/Softbank (Japan)
NCC (Taiwan)
KC/SKT/KT*/LGU+* (Korea)
IC/Rogers (Canada)
NBTC (Thailand)
Anatel (Brazil)
①: LTE B2 of EC25-AU Does Not Support
Rx-diversity
* Under Development
Copyright © 2017 Quectel Wireless Solutions Co., Ltd.
All Rights Reserved http://www.quectel.com
HQ address: 7th Floor, Hongye Building, No.1801 Hongmei Road, Xuhui District, Shanghai 200233, China
Tel: +86 21 51086236
Email: info@quectel.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com