Electronic Components Datasheet Search
  English  ▼

X  

KVR16LS114 Datasheet(PDF) 1 Page - Kingston Technology Far East Co. Ltd

Part # KVR16LS114
Description  4GB 1Rx8 512M x 64-Bit PC3L-12800 CL11 204-Pin SODIMM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTON [Kingston Technology Far East Co. Ltd]
Direct Link  https://www.kingston.com/
Logo KINGSTON - Kingston Technology Far East Co. Ltd

KVR16LS114 Datasheet(HTML) 1 Page - Kingston Technology Far East Co. Ltd

  KVR16LS114 Datasheet HTML 1Page - Kingston Technology Far East Co. Ltd KVR16LS114 Datasheet HTML 2Page - Kingston Technology Far East Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KVR16LS11/4
4GB 1Rx8 512M x 64-Bit PC3L-12800
CL11 204-Pin SODIMM
DESCRIPTION
This document describes ValueRAM's 512M x 64-bit (4GB)
DDR3L-1600 CL11 SDRAM (Synchronous DRAM), 1Rx8, low
voltage, memory module, based on eight 512M x 8-bit FBGA
components. The SPD is programmed to JEDEC standard
latency DDR3-1600 timing of 11-11-11 at 1.35V or 1.5V. This
204-pin SODIMM uses gold contact fingers. The electrical and
mechanical specifications are as follows:
FEATURES
● JEDEC standard 1.35V (1.28V ~ 1.45V) and
1.5V (1.425V ~1.575V) Power Supply
● VDDQ = 1.35V (1.28V ~ 1.45V) and 1.5V (1.425V ~ 1.575V)
● 800MHz fCK for 1600Mb/sec/pin
● 8 independent internal bank
● Programmable CAS Latency: 11, 10, 9, 8, 7, 6, 5
● Programmable Additive Latency: 0, CL - 2, or CL - 1 clock
● 8-bit pre-fetch
● Burst Length: 8 (Interleave without any limit, sequential with starting
address “000” only), 4 with tCCD = 4 which does not allow seamless
read or write [either on the fly using A12 or MRS]
● Bi-directional Differential Data Strobe
● Internal(self) calibration : Internal self calibration through ZQ pin
(RZQ : 240 ohm ± 1%)
● On Die Termination using ODT pin
● Average Refresh Period 7.8us at lower than TCASE 85°C, 3.9us at
85°C < TCASE ≤ 95°C
● Asynchronous Reset
● PCB: Height1.18” (30mm), double sided component
● Lead Free RoHS Compliant
Document No. VALUERAM1347-001.D00
12/23/16
Page 1
Memory Module Specifications
Continued >>
SPECIFICATIONS
s
e
l
c
y
c
1
1
)
D
D
I
(
L
C
Row Cycle Time (tRCmin)
48.125ns (min.)
Refresh to Active/Refresh
260ns (min.)
Command Time (tRFCmin)
Row Active Time (tRASmin)
35ns (min.)
Maximum Operating Power
(1.35V) = 2.376 W*
0
-
V
4
9
g
n
it
a
R
L
U
Operating Temperature
0o C to 85o C
Storage Temperature
-55o C to +100o C
*Power will vary depending on the SDRAM.


Similar Part No. - KVR16LS114

ManufacturerPart #DatasheetDescription
logo
Kingston Technology Far...
KVR16LS11 KINGSTON-KVR16LS11 Datasheet
243Kb / 2P
4GB 1Rx8 512M x 64-Bit PC3L-12800 CL11 204-Pin SODIMM
KVR16LS11 KINGSTON-KVR16LS11 Datasheet
254Kb / 2P
8GB 2Rx8 1G x 64-Bit PC3L-12800 CL11 204-Pin SODIMM
KVR16LS11 KINGSTON-KVR16LS11 Datasheet
254Kb / 2P
8GB 2Rx8 1G x 64-Bit PC3L-12800 CL11 204-Pin SODIMM
logo
List of Unclassifed Man...
KVR16LS11-4 ETC2-KVR16LS11-4 Datasheet
215Kb / 2P
4GB 1Rx8 512M x 64-Bit PC3L-12800
KVR16LS11-8 ETC2-KVR16LS11-8 Datasheet
215Kb / 2P
8GB 2Rx8 1G x 64-Bit PC3L-12800
More results

Similar Description - KVR16LS114

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KVR16S11S8 ETC2-KVR16S11S8 Datasheet
214Kb / 2P
4GB 1Rx8 512M x 64-Bit PC3-12800 CL11 204-Pin SODIMM
KVR16LN11-4 ETC2-KVR16LN11-4 Datasheet
153Kb / 2P
4GB 1Rx8 512M x 64-Bit PC3L-12800
KVR16LS11-4 ETC2-KVR16LS11-4 Datasheet
215Kb / 2P
4GB 1Rx8 512M x 64-Bit PC3L-12800
logo
Kingston Technology Far...
KVR16LN11 KINGSTON-KVR16LN11 Datasheet
330Kb / 2P
4GB 1Rx8 512M x 64-Bit PC3L-12800 CL11 240-Pin DIMM
KVR16LN11 KINGSTON-KVR16LN11_V01 Datasheet
331Kb / 2P
4GB 1Rx8 512M x 64-Bit PC3L-12800 CL11 240-Pin DIMM
KVR16LS11 KINGSTON-KVR16LS11_V01 Datasheet
243Kb / 2P
4GB 1Rx8 512M x 64-Bit PC3L-12800 CL11 204-Pin SODIMM
KVR16LS11 KINGSTON-KVR16LS11_V02 Datasheet
254Kb / 2P
8GB 2Rx8 1G x 64-Bit PC3L-12800 CL11 204-Pin SODIMM
KVR16LS11K2 KINGSTON-KVR16LS11K2 Datasheet
246Kb / 2P
8GB (4GB 1Rx8 512M x 64-Bit x 2pcs.) PC3L-12800 CL11 204-Pin SODIMM Kit
KVR16LS11K2 KINGSTON-KVR16LS11K2_V01 Datasheet
245Kb / 2P
8GB (4GB 1Rx8 512M x 64-Bit x 2pcs.) PC3L-12800 CL11 204-Pin SODIMM Kit
KVR16S11S8 KINGSTON-KVR16S11S8 Datasheet
220Kb / 2P
4GB 1Rx8 512M x 64-Bit PC3-12800 CL11 204-Pin SODIMM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com