Electronic Components Datasheet Search
  English  ▼

X  

AS7C3513B Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS7C3513B
Description  3.3V 32K x 16 CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3513B Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button AS7C3513B Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C3513B Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C3513B Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C3513B Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C3513B Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C3513B Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3513B Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3513B Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C3513B Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
®
AS7C3513B
3/24/04, v.1.2
Alliance Semiconductor
P. 9 of 10
Ordering codes
Note:
Add suffix ‘N’ to the above part number for lead free parts (Ex.
AS7C3513B-10JCN)
Part numbering system
Package\Access time
10 ns
12 ns
15 ns
20 ns
Plastic SOJ, 400
mil
Commercial
AS7C3513B-10JC
AS7C3513B-12JC
AS7C3513B-15JC
AS7C3513B-20JC
Industrial
AS7C3513B-10JI
AS7C3513B-12JI
AS7C3513B-15JI
AS7C3513B-20JI
TSOP 2,
18.4×10.2 mm
Commercial
AS7C3513B-10TC
AS7C3513B-12TC
AS7C3513B-15TC
AS7C3513B-20TC
Industrial
AS7C3513B-10TI
AS7C3513B-12TI
AS7C3513B-15TI
AS7C3513B-20TI
AS7C
3
513B
–XX
X
C
X
SRAM
prefix
Voltage:
3.3V CMOS
Device
number
Access
time
Package:
J = SOJ 400 mil
T =TSOP 2 18.4×10.2 mm
Temperature range:
C = Commercial, 0°C to 70°C
I = Industrial, -40°C to 85°C
N=Lead Free Part



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com