Electronic Components Datasheet Search
  English  ▼

X  

TLP719 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP719
Description  TOSHIBA PHOTOCOUPLER GaAlAs IRED PHOTO- IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP719 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP719 Datasheet HTML 1Page - Toshiba Semiconductor TLP719 Datasheet HTML 2Page - Toshiba Semiconductor TLP719 Datasheet HTML 3Page - Toshiba Semiconductor TLP719 Datasheet HTML 4Page - Toshiba Semiconductor TLP719 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TLP719
2003-09-5
4
Switching Characteristics (Ta = 25°C, Vcc = 5V)
Characteristic
Symbol
Test
Cir-
cuit
Test Condition
Min.
Typ.
Max.
Unit
Propagation delay time
(H? L)
tpHL
IF = 0? 16mA
RL = 1.9kO
?
?
0.8
µs
Propagation delay time
(L? H)
tpLH
Fig1
IF = 16? 0mA
RL = 1.9kO
?
?
0.8
µs
Common mode transient
immunity at logic high output
(Note 7)
CMH
IF = 0mA , VCM = 400Vp−p
RL = 1.9kO
10000
?
?
V / µs
Common mode transient
immunity at logic low output
(Note 7)
CML
Fig2
IF = 16mA , VCM = 400Vp−p
RL = 1.9kO
−10000
?
?
V / µs
(Note 7) : CML is the maximum rate of fall of the common mode voltage that can be
sustained with the output voltage in the logic low state(VO < 0.8V).
CMH is the maximum rate of rise of the common mode voltage that can be
sustained with the output voltage in the logic high state(VO >2V).
Fig 1.Switching Time Test Circuit
Fig 2.Common Mode Noise Immunity Test Circuit.
Vcc=5V
VO
RL
1
2
3
5
4
6
IF MONITORING NODE
MONITORING NODE
PULSE
INPUT
(PW=100
µs
Duty=10%)
0.1
µF
tpLH
tpHL
5V
1.5V
Vo
IF
VOL
IF
→
10%
tr
90%
tf
CMH
2V
0.8V
VOL
SW:A (
IF=16mA
)
400V
VCM
RL=1.9kΩ
Vo
Vcc=5V
VCM
0V
0.1µF
1
2
3
5
4
6
+
-
SW
B
A
→
IF
VOH
SW:B (
IF=0mA
)
CML
CMH=
tr (µs)
320 (V)
CML=
-
tf (µs)
320 (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com