Electronic Components Datasheet Search
  English  ▼

X  

MJF6668 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJF6668
Description  COMPLEMENTARY SILICON POWER DARLINGTONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJF6668 Datasheet(HTML) 2 Page - ON Semiconductor

  MJF6668 Datasheet HTML 1Page - ON Semiconductor MJF6668 Datasheet HTML 2Page - ON Semiconductor MJF6668 Datasheet HTML 3Page - ON Semiconductor MJF6668 Datasheet HTML 4Page - ON Semiconductor MJF6668 Datasheet HTML 5Page - ON Semiconductor MJF6668 Datasheet HTML 6Page - ON Semiconductor MJF6668 Datasheet HTML 7Page - ON Semiconductor MJF6668 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MJF6388 MJF6668
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (1)
(IC = 30 mAdc, IB = 0)
VCEO(sus)
100
—
Vdc
Collector Cutoff Current
(VCE = 80 Vdc, IB = 0)
ICEO
—
10
µAdc
Collector Cutoff Current (VCE = 100 Vdc, VEB(off) = 1.5 Vdc)
Collector Cutoff Current (VCE = 100 Vdc, VEB(off) = 1.5 Vdc, TC = 125_C)
ICEX
—
—
10
3.0
µAdc
mAdc
Collector Cutoff Current
(VCB = 100 Vdc, IE = 0)
ICBO
—
10
µAdc
Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0)
IEBO
—
2.0
mAdc
ON CHARACTERISTICS (1)
DC Current Gain (IC = 3.0 Adc, VCE = 4.0 Vdc)
DC Current Gain (IC = 5.0 Adc, VCE = 3.0 Vdc)
DC Current Gain (IC = 8.0 Adc, VCE = 4.0 Vdc)
DC Current Gain (IC = 10 Adc, VCE = 3.0 Vdc)
hFE
3000
1000
200
100
15000
—
—
—
—
Collector–Emitter Saturation Voltage (IC = 3.0 Adc, IB = 6.0 mAdc)
Collector–Emitter Saturation Voltage (IC = 5.0 Adc, IB = 0.01 Adc)
Collector–Emitter Saturation Voltage (IC = 8.0 Adc, IB = 80 mAdc)
Collector–Emitter Saturation Voltage (IC = 10 Adc, IB = 0.1 Adc)
VCE(sat)
—
—
—
—
2.0
2.0
2.5
3.0
Vdc
Base–Emitter Saturation Voltage (IC = 5.0 Adc, IB = 0.01 Adc)
Base–Emitter Saturation Voltage (IC = 10 Adc, IB = 0.1 Adc)
VBE(sat)
—
—
2.8
4.5
Vdc
Base–Emitter On Voltage (IC = 8.0 Adc, VCE = 4.0 Vdc)
VBE(on)
—
2.5
Vdc
DYNAMIC CHARACTERISTICS
Small–Signal Current Gain (IC = 1.0 Adc, VCE = 5.0 Vdc, ftest = 1.0 MHz)
|hfe|
20
—
—
Output Capacitance (VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
MJF6388
MJF6668
Cob
—
200
300
pF
Insulation Capacitance (Collector–to–External Heatsink)
Cc–hs
—
3.0 Typ
pF
Small–Signal Current Gain (IC = 1.0 Adc, VCE = 5.0 Vdc, f = 1.0 kHz)
hfe
1000
—
—
(1) Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2.0%.
BASE
EMITTER
COLLECTOR
≈ 8 k
≈ 120
BASE
EMITTER
COLLECTOR
≈ 8 k
≈ 120
NPN
MJF6388
PNP
MJF6668
Figure 1. Darlington Schematic



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com