Electronic Components Datasheet Search
  English  ▼

X  

AS7C4098A Datasheet(PDF) 18 Page - Alliance Semiconductor Corporation

Part # AS7C4098A
Description  2.5V 512K x 32/36 flowthrough burst synchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C4098A Datasheet(HTML) 18 Page - Alliance Semiconductor Corporation

Back Button AS7C4098A Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 13Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 14Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 15Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 16Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 17Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 18Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 19Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
12/23/04, v. 1.2
Alliance Semiconductor
18 of 19
AS7C25512FT32A
AS7C25512FT36A
®
Ordering information
Note: Add suffix ‘N’ to the above part number for Lead Free Parts (Ex. AS7C25512FT32A-85TQCN)
Part numbering guide
1.Alliance Semiconductor SRAM prefix
2.Operating voltage: 25 = 2.5V
3.Organization: 512 = 512K
4.Flow-through mode
5.Organization: 32 = x 32; 36 = x 36
6.Production version: A = first production version
7.
Clock access time: [-75 = 7.5 ns;-85 = 8.5 ns; -10 = 10.0 ns]
8.Package type: TQ = TQFP, B = BGA
9.Operating temperature: C = commercial (
0
° C to 70° C); I = industrial (-40° C to 85° C)
10. N = Lead free part
Package & Width
-75
-85
-10
TQFP x32
AS7C25512FT32A-75TQC
AS7C25512FT32A-85TQC
AS7C25512FT32A-10TQC
AS7C25512FT32A-75TQI
AS7C25512FT32A-85TQI
AS7C25512FT32A-10TQI
TQFP x36
AS7C25512FT36A-75TQC
AS7C25512FT36A-85TQC
AS7C25512FT36A-10TQC
AS7C25512FT36A-75TQI
AS7C25512FT36A-85TQI
AS7C25512FT36A-10TQI
AS7C
25
512
FT
32/36
A
–XX
TQ
C/I
X
12
34
56
78
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com