Electronic Components Datasheet Search
  English  ▼

X  

MBRB2040CT Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # MBRB2040CT
Description  Surface Mount Schottky Barrier Recitifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

MBRB2040CT Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  MBRB2040CT Datasheet HTML 1Page - HY ELECTRONIC CORP. MBRB2040CT Datasheet HTML 2Page - HY ELECTRONIC CORP. MBRB2040CT Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.hygroup.com.tw
Features
D
2PAK
●
Low forward voltage drop
●
High current capabiliity
RoHS
●
High surge capability
COMPLIANT
●
The plastic material carries UL recognition 94V-0
Mechanical Data
●
Case: JEDEC D
2PAK molded plastic
●
Polarity: As marked on the body
●
Mounting position: Any
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
●
For use in low vlotage, high frequency inverters, polarity
protection applications.
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Maximum Average Forward Rectified Current
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load ( JEDEC Method )
Peak Forward Voltage (Note1)
IF=10A @TJ=25℃
IF=10A @TJ=125℃
IF=20A @TJ=25℃
IF=20A @TJ=125℃
Maximum DC Reverse Current @TJ=25℃
at Rated DC Blocking Voltage @TJ=125℃
Typical Thermal Resistance Junction to Case(without heatsink) (Note2)
RθJC
℃/W
Junction Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
Notes: 1. 300us pulse width,2% duty cycle.
2. The typical data above is for reference only.
MBRB20*CT-U-00-00
Rev. 11, 18-May-2020
MBRB2030CT THRU MBRB2045CT
Surface Mount Schottky Barrier Recitifiers
Reverse Voltage - 30 to 45 Volts
Forward Current - 20.0 Amperes
Pb
Package Outline Dimensions in Inches (Millimeters)
MBRB2030CT
MBRB2040CT
MBRB2045CT
30
40
45
21
28
31.5
30
40
45
20.0
IFSM
150
A
VF
0.65
V
0.57
0.84
0.72
-55 to +175
IR
0.1
mA
15
9
-55 to +150


Similar Part No. - MBRB2040CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRB2040CT MCC-MBRB2040CT Datasheet
96Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2040CT MCC-MBRB2040CT Datasheet
467Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Diode Semiconductor Kor...
MBRB2040CT DSK-MBRB2040CT Datasheet
381Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
MBRB2040CT CITC-MBRB2040CT Datasheet
101Kb / 3P
20A Surface Mount High Power Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
MBRB2040CT MCC-MBRB2040CT Datasheet
259Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBRB2040CT

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
1N5820 HY-1N5820_V01 Datasheet
405Kb / 3P
Surface Mount Schottky Barrier Recitifiers
SS22L HY-SS22L_V01 Datasheet
418Kb / 3P
Surface Mount Schottky Barrier Recitifiers
SS32B HY-SS32B_V01 Datasheet
418Kb / 3P
Surface Mount Schottky Barrier Recitifiers
SR520 HY-SR520_V01 Datasheet
450Kb / 4P
Surface Mount Schottky Barrier Recitifiers
SR520E HY-SR520E_V01 Datasheet
523Kb / 4P
Surface Mount Schottky Barrier Recitifiers
MBRF1030 HY-MBRF1030_V01 Datasheet
443Kb / 3P
Surface Mount Schottky Barrier Recitifiers
S10P45 HY-S10P45_V01 Datasheet
338Kb / 3P
Surface Mount Schottky Barrier Recitifiers
S10P45L HY-S10P45L Datasheet
375Kb / 3P
Surface Mount Schottky Barrier Recitifiers
S10P45U HY-S10P45U_V01 Datasheet
391Kb / 3P
Surface Mount Schottky Barrier Recitifiers
S15P45U HY-S15P45U Datasheet
313Kb / 3P
Surface Mount Schottky Barrier Recitifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com