Electronic Components Datasheet Search
  English  ▼

X  

P4KEG Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # P4KEG
Description  Unidirectional and Bidirectional Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

P4KEG Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  P4KEG Datasheet HTML 1Page - HY ELECTRONIC CORP. P4KEG Datasheet HTML 2Page - HY ELECTRONIC CORP. P4KEG Datasheet HTML 3Page - HY ELECTRONIC CORP. P4KEG Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and Characteristic Curves
P4KEG SERIES
The curve above is for reference only.
P4KEG*-A/T-00-00
Rev. 11, 18-May-2020
0
5
10
15
20
25
30
35
40
45
1
10
100
Fig. 2 - Maximum Non-Repetitive Surge Current
Number of Cycles at 60Hz
TJ=TJmax
8.3mS Single Half Sine-Wave (JEDEC
Method
0
25
50
75
100
0
25
50
75
100
125
150
Fig. 1 - Maximum Non-Repetitive Peak Forwaed Surge Current
Fig. 5 - Pulse Rating Curve
0.1
1
10
100
0.1
1
10
100
1000
10000
TA=25℃
Non-Repetive Pulse Wave Form
Shown in
Fig. 3
TP, Pulse Waveform
10
100
1000
10000
1
10
100
1000
Fig.4- Typical Junction Capacitance
Stand-off voltage (V)
Measured at Stand-off
Voltage (VRWM)
0
10
20
30
40
50
60
70
80
90
100
110
120
0
0.5
1
1.5
2
2.5
3
3.5
4
Fig. 3 - Pulse Waveform
T, Time (ms)
Pulse With (Tp) is
Defined
as that Point Where the
Peak Current Decays to
50% of IRSM.
10/1000 us Waveform as
Defined by R.E.A
TJ=25℃
TP
Peak value(I
RSM)
Half value =
IRSM
2
TR=10us
TJ=25℃
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
Fig. 6 - Steady State Power Derating Curve
Ambient Temperature (℃)
Lead Temperature (℃)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com