Electronic Components Datasheet Search
  English  ▼

X  

314 Datasheet(PDF) 1 Page - 3M Electronics

Part # 314
Description  Self-Stripping Moisture Resistant
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

314 Datasheet(HTML) 1 Page - 3M Electronics

  314 Datasheet HTML 1Page - 3M Electronics 314 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Application
Use Part No. 314 to electrically connect two or three
wire ends, insulate the connection, and provide a
moisture resistant seal.
Wire Range
22-14 AWG Solid or stranded, tinned or untinned
(0,5-1.5 mm2) copper conductors. For use with
common thermoplastic insulated wires: T, TF, TFF,
TFN, TFFN, AWM, TEW, SAE-GPT with a maximum
insulation diameter of .150 inches (3,8 mm). Maximum
recommended current for general purpose applications:
22 AWG - 3 AMPS, 20 AWG - 5 AMPS, 18 AWG -
7 AMPS, 16 AWG - 10 AMPS, 14 AWG - 15 AMPS.
Construction
U-contact - Tin plated brass, .02 in. (0,5 mm) thick
Insulator - Flame retardant nylon,
Color - cap/dk. blue, body/white
Sealant -
Mineral Oil Base EG-3 Grease
Weight
.0077 lb. (3,49 gm)
Recommended Installation Tools
3M™ Crimping Tool No. E-9BM
Mechanics (slip joint) Pliers
Installation Instructions
1. Insert 2 or 3 unstripped wires completely into
connector and check their position by looking
through the translucent connector body.
2. Hold tool perpendicular to the wires and make the
connection by driving the cap down flush with the
top edge of the connector body.
Regulatory Agencies
UL Listed - Tested per UL Standard 486C
UL file No. E23438
CSA certified - CSA Std. C22.2 No. 0. 188-MI983
CSA File No. LR15503
(Voltage rated at 600 volts maximum, building wire:
1000 volts maximum, signs, fixtures and luminaires.
Operating Temperature: 105˚C.)
Note: UL Listed and CSA Certified for AWG only.
Connector is not recommended for direct underground
burial or other submerged applications.
Scotchlok™ 314
Self-Stripping Moisture Resistant,
Electrical Pigtail Connectors
Data Sheet
WARNING
Turn power off before installing or removing terminal. All electrical
work should be done according to appropriate electrical codes.


Similar Part No. - 314

ManufacturerPart #DatasheetDescription
logo
Littelfuse
314 LITTELFUSE-314 Datasheet
53Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
314 LITTELFUSE-314 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Adafruit Industries
314 ADAFRUIT-314 Datasheet
95Kb / 2P
Clear Piranha Super-flux RGB LED - Common Anode
7/16/2015
logo
Marathon Special Produc...
314 MARATHON-314 Datasheet
170Kb / 3P
Terminal Block– Closed Back 30 Amps, 600 Volts (AC/DC)
REV B 09/26/12
logo
AVAGO TECHNOLOGIES LIMI...
314 AVAGO-314 Datasheet
492Kb / 13P
0.6 Amp Output Current IGBT Gate Driver Optocoupler
Nopvember 8, 2006
More results

Similar Description - 314

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
29348 RHOPOINT-29348 Datasheet
101Kb / 1P
Micro-capsule moisture resistant platinum
logo
Silonex Inc.
NSL-32SR3 SILONEX-NSL-32SR3 Datasheet
38Kb / 1P
Compact, moisture resistant package
logo
API Delevan
NSL-37-004 API-NSL-37-004 Datasheet
109Kb / 1P
Compact, moisture resistant package
NSL-37-034 API-NSL-37-034 Datasheet
109Kb / 1P
Compact, moisture resistant package
logo
ZF Friedrichshafen AG
E72 ZFSWITCHES-E72 Datasheet
2Mb / 2P
Moisture resistant
logo
3M Electronics
558 3M-558 Datasheet
67Kb / 2P
Self-Stripping Electrical Tap Connector 558
Nov-2010
804 3M-804 Datasheet
533Kb / 2P
Scotchlok??Moisture Resistant Self-Stripping Electrical Tap Connector 804
316IR 3M-316IR Datasheet
75Kb / 2P
3M??Scotchlok??Moisture Resistant Self-Stripping Electrical Spring Connector 316IR
logo
Stackpole Electronics, ...
HDM SEI-HDM Datasheet
411Kb / 6P
Moisture Resistant Carbon Film Resistor
10/22/2020
logo
3M Electronics
905 3M-905 Datasheet
82Kb / 2P
Self-Stripping Electrical Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com