Electronic Components Datasheet Search
  English  ▼

X  

MBRF16150CT Datasheet(PDF) 3 Page - HY ELECTRONIC CORP.

Part # MBRF16150CT
Description  Schottky Barrier Recitifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

MBRF16150CT Datasheet(HTML) 3 Page - HY ELECTRONIC CORP.

  MBRF16150CT Datasheet HTML 1Page - HY ELECTRONIC CORP. MBRF16150CT Datasheet HTML 2Page - HY ELECTRONIC CORP. MBRF16150CT Datasheet HTML 3Page - HY ELECTRONIC CORP. MBRF16150CT Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rating and Characteristic Curves
MBRF1630CT THRU MBRF16150CT
The curve above is for reference only.
MBRF16*CT-U-00-00
Rev. 11, 18-May-2020
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
TJ=25°C
Pulse Width 300uS
2%Duty Cycle
Fig. 7 - Typical Forward Characteristics
Instantaneous Forward Voltage (V)
TJ=75°C
TJ=100°C
TJ=125°C
MBRF16150CT
Fig. 8 - Typical Junction Capacitance
10
100
1000
1
10
100
TJ=25°C,f=1MHz
Reverse Voltage (V)
20
MBR1630CT -MBR1660CT
MBR1680CT -MBR16150CT



Html Pages

1 2 3 4