Electronic Components Datasheet Search
  English  ▼

X  

WSD2018DN22 Datasheet(PDF) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSD2018DN22
Description  N-Ch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSD2018DN22 Datasheet(HTML) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSD2018DN22 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD2018DN22 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD2018DN22 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD2018DN22 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD2018DN22 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD2018DN22 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Typical Characteristics
Page 3
www.winsok.tw
Dec.2014
WSD2018DN22
N-Ch MOSFET
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
001
34
3
0
4
8
12
16
112
1
5556
0
5
10
15
20
25
30
02
0
68
10
0
10
20
30
40
50
01
23
0
4
8
12
16
25
50
75
100
125
0.0
0.4
0.8
1.2
Pulsed
Pulsed
T
a=100
℃
V
SD
I
S
——
T
a=25
℃
A
SOURCE TO DRAIN VOLTAGE
VOLT
SD
V)
(
13
V
GS=1.5V
V
GS=2V,3V,4V,5V
Output Characteristics
V
GS=1.2V
DRAIN TO SOURCE VOLTAGE V
DS
(V)
V
GS=2.5V
T
a=25
℃
Pulsed
V
GS=4.5V
V
GS=1.8V
T
a=25
℃
Pulsed
DRAIN CURRENT I
D
(A)
—— I
D
R
DS(ON)
T
a=100
℃
T
a=25
℃
——
GATE TO SOURCE VOLTAGE
GATE
GS
V)
(
V
GS
R
DS(ON)
I
D=5A
V
DS=3V
Pulsed
GATE TO SOURCE VOLTAGE V
GS
(V)
Transfer Characteristics
T
a=100
℃
T
a=25
℃
I
D=250uA
Threshold Voltage
JUNCTION TEMPERATURE T
j
(℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com