Electronic Components Datasheet Search
  English  ▼

X  

4004 Datasheet(PDF) 1 Page - 3M Electronics

Part # 4004
Description  Double Coated Urethane Foam Tapes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4004 Datasheet(HTML) 1 Page - 3M Electronics

  4004 Datasheet HTML 1Page - 3M Electronics 4004 Datasheet HTML 2Page - 3M Electronics 4004 Datasheet HTML 3Page - 3M Electronics 4004 Datasheet HTML 4Page - 3M Electronics 4004 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Double Coated Urethane Foam Tapes
4004 • 4008 • 4016 • 4026
4032 • 4052 • 4056 • 4085
Product Data Sheet
Product Description
Products
May, 2006
3M™ Double Coated Urethane Foam Tapes are conformable foams that offer high
shear strength and are available with either a high temperature holding acrylic
adhesive system or a rubber adhesive system for bonding to various types of surfaces
for mounting, joining and holding.
Note: The user is responsible for determining whether the tape is fit for a particular
purpose and suitable for user’s method of application.
3M™ Double Coated Urethane Foam Tape 4004
3M™ Double Coated Urethane Foam Tape 4008
3M™ Double Coated Urethane Foam Tape 4016
3M™ Double Coated Urethane Foam Tape 4026
3M™ Double Coated Urethane Foam Tape 4032
3M™ Double Coated Black Urethane Foam Tape 4052
3M™ Double Coated Black Urethane Foam Tape 4056
3M™ Double Coated Urethane Foam Tape 4085
1/4 in.
1/8 in.
1/16 in.
1/16 in.
1/32 in.
1/32 in.
1/16 in.
0.045 in.
(6.4 mm) thick
(3.2 mm) thick
(1.6 mm) thick
(1.6 mm) thick
(0.8 mm) thick
(0.8 mm) thick
(1.6 mm) thick
(1.1 mm) thick


Similar Part No. - 4004

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
4004 FILTRONIC-4004 Datasheet
369Kb / 3P
POWER DIVIDERS FOUR-WAY, 1 TO 18 GHZ
logo
List of Unclassifed Man...
4004 ETC2-4004 Datasheet
229Kb / 1P
TO066 TRANSISTOR MOUNTING KIT
logo
API Technologies Corp
4004 APITECH-4004 Datasheet
195Kb / 3P
FOUR-WAY, 1 TO 18 GHz
logo
Keystone Electronics Co...
4004 KEYSTONE-4004 Datasheet
558Kb / 1P
TERMINAL LUGS
31-07 20th
logo
RAF ELECTRONIC HARDWARE
4004-440-N RAF-4004-440-N Datasheet
96Kb / 1P
3/16 ROUND MALE FEMALE STANDOFFS
More results

Similar Description - 4004

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9546 3M-9546 Datasheet
43Kb / 2P
Double Coated Polyethylene Foam Tape
Aug-2001
4430 3M-4430 Datasheet
45Kb / 2P
Double Coated Foam Tape
Oct-1993
444 3M-444 Datasheet
56Kb / 4P
Double Coated Tapes with Adhesive 300
Apr-2006
9492MP 3M-9492MP Datasheet
189Kb / 4P
Double Coated Tapes
Nov-2011
R3257 3M-R3257 Datasheet
221Kb / 2P
Repulpable Double-Coated Tapes
Mar-2014
9738 3M-9738 Datasheet
346Kb / 3P
3M Double Coated Splicing Tapes
Mar-2008
4108 3M-4108 Datasheet
161Kb / 6P
3M™ Single-Coated Urethane Foam Tape 4108
May-2008
05277 3M-05277 Datasheet
189Kb / 4P
Double Coated Tapes 9492MP ??9495MP ??9495MPF ??9495B
4100 3M-4100 Datasheet
31Kb / 8P
Single-Coated Foam Tapes
9474LE 3M-9474LE Datasheet
185Kb / 4P
Double Coated Tapes 9474LE, 9495LE
Nov-2011
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com