Electronic Components Datasheet Search
  English  ▼

X  

4950 Datasheet(PDF) 1 Page - 3M Electronics

Part # 4950
Description  VHB Tape - Specialty Tapes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4950 Datasheet(HTML) 1 Page - 3M Electronics

  4950 Datasheet HTML 1Page - 3M Electronics 4950 Datasheet HTML 2Page - 3M Electronics 4950 Datasheet HTML 3Page - 3M Electronics 4950 Datasheet HTML 4Page - 3M Electronics 4950 Datasheet HTML 5Page - 3M Electronics 4950 Datasheet HTML 6Page - 3M Electronics 4950 Datasheet HTML 7Page - 3M Electronics 4950 Datasheet HTML 8Page - 3M Electronics 4950 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
- 1 -
VHB™ Tape - Specialty Tapes
Product Description:
3M™ VHB™Tapesprovide theconvenience and simplicity ofa tape fastenerandareidealforuse in manyinteriorandexterior bonding
applications. In many situations, they can replace rivets, spot welds, liquid adhesives and other permanent fasteners.
These
3M™VHB™Tapesaremadewith acrylicfoamwhichisviscoelasticinnature.Thisgivesthefoamenergyabsorbingandstress
relaxing propertieswhich providesthese tapes with theiruniquecharacteristics.The acrylic chemistryprovides outstandingdurability
performance.
These tapes utilize a variety of specific foam, adhesive, color and release liner types to provide each product/family with specific features.
These features can include adhesion to specific or a broad range of materials, conformability, high tensile strength, high shear and peel
adhesion, resistance to plasticizer migration, and UL746C recognition. All
3M™ VHB™ Tapes have excellent
durability and excellent solvent and moisture resistance.
The tapes included in this data page have unique performance features that are not typically required in most common applications.
Please refer to
“3M™VHB™Tapes”technicaldatasheetfor applications that do not require thespecial features incorporated inthese
specialty tapes.
3M™ VHB™ Tape Products
4950 Family
This family has general purpose adhesive on both sides of firm type
foam. This family is typically used on metal, glass and high surface
energy plastic substrates. Available in white and black.
4945 Family
This family has multi-purpose adhesive on both sides of firm foam.
4910 Family
This family of clear tapes is excellent for applications where clear or
colorless is desired. The general purpose adhesive on both sides is
suitable for high surface energy substrates.
4951 Family
This family of tapes is based around the low temperature
applicable acrylic adhesive system, utilized on both firm and
conformable foam types.These products are suitable for high surface
energy substrates. Available in white (firm foam) and gray
(conformable foam).
LSE Family
This family utilizes the low surface energy adhesive on a
very conformable foam core.
GPH Family
The GPH Family has excellent temperature resistance (short term
450 °F), ideal for powder coat or liquid paint processes which
undergo a heat bake cycle.
4622 Family
This family has general purpose adhesive on the face side (the side
that typically would be bonded first) and multi-purpose adhesive on
the liner side (the side exposed when the release liner is removed) of
a conformable foam.Available in white.
(P) or (F) after the product number designate that both a paper and film liner product version are available. [e.g. 4930 (paper liner) and 4930F (film liner). See page 2 for specific details.
Tape Number
Color
Thickness in (mm)
4914
White
0.010 (0.25)
4920
White
0.015 (0.4)
4929
Black
0.025 (0.6)
4930(F)
White
0.025 (0.6)
4949
Black
0.045 (1.1)
4950
White
0.045 (1.1)
4955
White
0.080 (2.0)
4959(F)
White
0.120 (3.0)
Tape Number
Color
Thickness in (mm)
4945
White
0.045 (1.1)
4946
White
0.045 (1.1)
Tape Number
Color
Thickness in (mm)
4905
Clear
0.020 (0.5)
4910
Clear
0.040 (1.0)
Tape Number
Color
Thickness in (mm)
4951
White
0.045 (1.1)
4943F
Gray
0.045 (1.1)
4957F
Gray
0.062 (1.6)
Tape Number
Color
Thickness in (mm)
LSE-060WF
White
0.025 (0.6)
LSE-110WF
White
0.045 (1.1)
LSE-160WF
White
0.062 (1.6)
Tape Number
Color
Thickness in (mm)
GPH-060GF
Gray
0.025 (0.6)
GPH-110GF
Gray
0.045 (1.1)
GPH-160GF
Gray
0.062 (1.6)
Tape Number
Color
Thickness in (mm)
4618
White
0.025 (0.6)
4622
White
0.045 (1.1)
4624
White
0.062 (1.6)
Technical Data
January 2020


Similar Part No. - 4950

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
4950 ADAFRUIT-4950 Datasheet
336Kb / 2P
Adafruit Metro M7 with AirLift - Featuring NXP iMX RT1011
logo
3M Electronics
4950 3M-4950 Datasheet
533Kb / 9P
VHB™ Tape Specialty Tapes
Oct-2014
logo
List of Unclassifed Man...
4950-PS ETC-4950-PS Datasheet
93Kb / 2P
Computer Grade Surge Protective Plug Strips
4950-PSC ETC-4950-PSC Datasheet
93Kb / 2P
Computer Grade Surge Protective Plug Strips
4950-PST ETC-4950-PST Datasheet
93Kb / 2P
Computer Grade Surge Protective Plug Strips
More results

Similar Description - 4950

ManufacturerPart #DatasheetDescription
logo
3M Electronics
F9460PC 3M-F9460PC Datasheet
28Kb / 4P
VHB™ Adhesive Transfer Tapes with Adhesive 100MP
Apr-2005
86415 3M-86415 Datasheet
275Kb / 3P
3M™ VHB™ Tape
Sep-2017
B23F 3M-B23F Datasheet
151Kb / 6P
3M™ VHB™ Structural Glazing Tape B23F
Nov-2017
5980 3M-5980 Datasheet
268Kb / 2P
3M™ VHB™ Tape 5980, 5980WT
Sep-2017
LSE-110WF 3M-LSE-110WF Datasheet
170Kb / 3P
3M VHB Tape LSE Series
Oct-2019
GPH-110GF 3M-GPH-110GF Datasheet
312Kb / 8P
3M™ VHB™ Tape GPH-110GF
Jun-2020
GPH-060GF 3M-GPH-060GF Datasheet
312Kb / 8P
3M??VHB??Tape GPH-060GF
9380 3M-9380 Datasheet
348Kb / 5P
3M™ Adhesive Transfer Tapes with Specialty Acrylic Adhesive
Nov-2020
9379 3M-9379 Datasheet
348Kb / 5P
3M™ Adhesive Transfer Tapes with Specialty Acrylic Adhesive
Nov-2020
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com