Electronic Components Datasheet Search
  English  ▼

X  

4056 Datasheet(PDF) 3 Page - 3M Electronics

Part # 4056
Description  Double Coated Urethane Foam Tapes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4056 Datasheet(HTML) 3 Page - 3M Electronics

  4056 Datasheet HTML 1Page - 3M Electronics 4056 Datasheet HTML 2Page - 3M Electronics 4056 Datasheet HTML 3Page - 3M Electronics 4056 Datasheet HTML 4Page - 3M Electronics 4056 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3M™ Double Coated Urethane Foam Tapes
4004 • 4008 • 4016 • 4026 • 4032 • 4052 • 4056 • 4085
Typical Physical Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
3M™ Double Coated Urethane Foam Tape
Adhesive Type:*
Units
4032
100
4052
100
4056
100
4085
740
Adhesive Carrier:
Polyurethane Foam Polyurethane Foam Polyurethane Foam Polyurethane Foam
Thickness: Nominal
Thickness: Tolerance:
Color:
Release Liner:
Liner Color:
Approximate Density:
(Foam Only)
Standard Length:
Maximum Length:
Available Width:
Normal Slitting Tolerance:
Normal Tensile:
(“T” Block)
1 in2 (6.45 cm2)
Jaw Speed 2 in/min
(50 mm/min)
Static Shear:
inch (mm)
inch
(mm)
inch (mm)
lb/ft3
(kg/m3)
yard (meter)
yard (meter)
inch (mm)
inch (mm)
psi (kPa)
0.031 (0.8)
0.025-0.040
(0.64-1.02)
Natural
0.003 (0.08)
Green Plaid
20
(320)
72 (65.8)
175 (160)
46 (1168)
± 1/32 (± 0.8)
60 (75)
0.031 (0.8)
0.025-0.040
(0.64-1.02)
Black
0.003 (0.08)
Green Plaid
14
(225)
72 (65.8)
175 (160)
46 (1168)
± 1/32 (± 0.8)
75 (515)
0.0625 (1.6)
0.045-0.080
(1.142-2.03)
Black
0.003 (0.08)
Green Plaid
11
(175)
36 (32.9)
100 (91)
46 (1168)
± 1/32 (± 0.8)
50 (345)
0.045 (1.2)
0.039-0.054
(1.00-1.45)
Natural
0.003 (0.08)
Tan
22
(352)
72 (65.8)
100 (91)
46 (1168)
± 1/32 (± 0.8)
45 (310)
Measured at various
temperatures and
gram loadings.
72°F (22°C)
120°F (49°C)
gms
2000
1500
1500
750
1500
1000
1000
250
(1/2 sq. in. overlap).
150°F (66°C)
1000
750
750
—
Will hold listed
weight for 100 hours.
200°F (93°C)
1050
750
750
—
Tensile Strength:
Elongation:
Temperature Resistance:
Short Term (Minutes, Hours)
Long Term (Days, Weeks)
psi (kPa)
%
°F (°C)
°F (°C)
240 (1655)
90
380 (193)
220 (104)
225 (1550)
110
380 (193)
220 (104)
140 (965)
100
380 (193)
220 (104)
140 (965)
100
200 (93)
125 (152)
Solvent Resistance:
UV Resistance:
Cold Flex at -20°F (-30°C):
No apparent degradation when exposed to splash
tests of most hydrocarbon solvents.
No apparent degradation when exposed to 7 days in U.V. chamber.
No cracking when flexed around a 1/4 in. (6.4 mm mandrel).
Thermal Conductivity:
Dielectric Strength:
BTU/hr/°F/ft 2/ft
(watt/metre Kelvin)
volts/mil
(volts/0.025 mm)
0.036
(0.062)
200-300
(200-300)
0.036
(0.062)
200-300
(200-300)
0.036
(0.062)
200-300
(200-300)
0.036
(0.062)
200-300
(200-300)
*3M™ Adhesive 100 is a firm acrylic pressure sensitive adhesive system. It features high ultimate bond strength, very good high temperature
and solvent resistance and very high shear holding power. Bond strength increases substantially with natural aging.
3M™ Adhesive 740 is a medium-firm rubber-resin pressure sensitive adhesive system. It features good holding power and adhesion to a
wide variety of surfaces including many low surface energy plastics such as polyethylene and polypropylene.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com