Electronic Components Datasheet Search
  English  ▼

X  

4941F Datasheet(PDF) 6 Page - 3M Electronics

Part # 4941F
Description  Tapes provide the convenience and simplicity of a tape fastener and are ideal for use in many interior and exterior bonding applications. In many situations, they can replace rivets
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4941F Datasheet(HTML) 6 Page - 3M Electronics

  4941F Datasheet HTML 1Page - 3M Electronics 4941F Datasheet HTML 2Page - 3M Electronics 4941F Datasheet HTML 3Page - 3M Electronics 4941F Datasheet HTML 4Page - 3M Electronics 4941F Datasheet HTML 5Page - 3M Electronics 4941F Datasheet HTML 6Page - 3M Electronics 4941F Datasheet HTML 7Page - 3M Electronics 4941F Datasheet HTML 8Page - 3M Electronics 4941F Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
3M™ VHB™ Tapes
- 6 -
Additional Typical Performance Characteristics
Note: The following technical information and data should be considered representative or typical only and should not be used
for specification purposes.
Dielectric Constant
2.29
2.14
at 1 kHz
ASTM D150
1.99
1.95
at 1 MHz
ASTM D150
Dissipation Factor
0.0245
0.0065
at 1 kHz
ASTM D150
0.0374
0.0506
at 1 MHz
ASTM D150
Dielectric Breakdown Strength
14 (360)
18 (455)
V/µm (V/mil)
ASTM D140
Thermal Conductivity (k value)
0.08 (0.5)
0.05 (0.4)
W/mK (BTU•in/hr•ft2•°F)
Volume Resisitivity
2.1 x 1014
2.5 x 1014
Ω-cm
ASTM D257
Surface Resisitivity
2.7 x 1014
>1016
Ω/sq
ASTM D257
Water Vapour Transmission Rate
25.6
37.1
g/m2•day
ASTM F1249 at 38°C/1000% RH
Thermal Properties of Modeling
Thermal coefficient of Expansion
Shear Modulus (at 25°C, 1 Hz)
180 (100)
3 x 105
10-6m/m/°C (10-6 in/in/°F)
Pa
3M™ VHB™ Tape
4941
5952
3M™ VHB™ Tapes
UL746C Listings - File MH 17478
Category QOQW2 Component - Polymeric Adhesive Systems, Electrical Equipment
Burn Characteristics 3M™ VHB™ Tape 5958FR
Meets FAR 25.853 (a) 12 second vertical burn, Appendix F, Part I (a)(ii)
Meets NBS Smoking Density (ASTM F814/E662)
Meets Toxicity (Draeger Tube ABD0031, AITM 3.0005)
Solvent and Fuel Resistance
Units
Test Standard
3M™ VHB™ Tapes/
Product Families
Substrates
Temperature Rating
Minimum
Maximum
4919F, 4926, 4936, 4936F,
4941, 4941F, 4947F, 4956,
4956F, 4979F
Ceramic
-35°C
110°C
Aluminum, Galvanized Steel,
Stainless Steel, Enameled
Steel, Nickel Coated ABS,
Glass (with or without Silane
Coating) PVC, Glass/Epoxy,
PBT, Polycarbonate, Acrylic/
Polyurethane Paint, Polyester
Paint
-35°C
90°C
ABS
-35°C
75°C
4991
Polycarbonate, Aluminum,
Acrylic/Polyurethane Paint,
Polyester Paint
-35°C
90°C
5915, 5915P, 5915WF
5925, 5925P, 5925WF,
5930, 5030P, 5930WF,
5952, 5952P, 5952WF,
5962, 5962P, 5962WF
Polycarbonate, Primer 94
Coated Polycarbonate,
Aluminum, Acrylic/
Polyurethane Paint, Galvanized
Steel, Polyester Paint, Epoxy
Paint, Silane Coated Glass,
Uncoated Glass, Stainless Steel,
Enameled Steel, Glass Epoxy,
Polybutylene Terephthalate,
Nylon, Polyphenelene Ether
(PPE), Acrylic
-35°C
90°C
Rigid PVC, ABS
-35°C
75°C
5952, 5952P, 5952WF
Cellulose Acetate Butyrate
-35°C
90°C
RP16
Aluminum, Silane Coated Glass
-35°C
90°C
PVC, ABS
-35°C
75°C
RP16, RP25, RP32, RP45,
RP62
Galvanized Steel, Enameled
Steel, Nylon, Polycarbonate,
Glass Epoxy, Phenolic, PPE/
PS Blend, PBT, Epoxy Paint,
Polyester Paint, Adhesion
Promoter 111 Coated Epoxy
Paint, Promoter 111 Coated
Polyester Paint, Acrylic Urethane
Paint, Epoxy/ Polyester Paint
-35°C
90°C
RP62
Stainless Steel, Glass, Acrylic
-35°C
90°C
PVC, ABS
-35°C
75°C
A current list can be found at www.ul.com (select certifications, search file MH17478)
Water
Salt Water
Hydraulic Fluid
10W30 Motor Oil
Glycol Antifreeze
Kerosene
Isopropyl Alcohol
Jet Fuel
Gasoline
MEK
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
0
% Adhesive Retention
Test Method
Tape between stainless steel and aluminum foil
• 72 hours dwell at room temperature
• Solvent immersion for 72 hours
• Test within 45 minutes after removing from solvent
• 90° peel angle
• 12 in/min rate of peel
• Peel adhesion compared to control
Note: Continuous submersion in chemical solutions is not recommended. The above
information is presented to show that occasional chemical contact should not
be detrimental to tape performance in most applications in ordinary use.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com