Electronic Components Datasheet Search
  English  ▼

X  

9498 Datasheet(PDF) 1 Page - 3M Electronics

Part # 9498
Description  Splicing Tapes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9498 Datasheet(HTML) 1 Page - 3M Electronics

  9498 Datasheet HTML 1Page - 3M Electronics 9498 Datasheet HTML 2Page - 3M Electronics 9498 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3
Splicing Tapes
9464 • 9498 • 9576 • 9576B • 9576Y • 9576R • 9578
Product
Description
3M™ Splicing Tapes offer excellent flying splice and core starting wet grab characteristics.
They are typically used in the printing industry and perform well at process speeds in
excess of 2000 feet per minute and can be used through ovens up to 450°F (232°C) if dwell
times are ten seconds or less.
Technical Data
December, 2007
Construction
Product
3M™ Splicing
3M™ Splicing
3M™ Splicing
3M™ Splicing
Tape 9464
Tape 9498
Tapes 9576/9576B
Tape 9578
9576Y/9576R
Adhesive Family:*
400
400
400
400
Carrier:
None
None
0.001" Polypropylene
0.001" Polypropylene
Release Liner:
60# Densified
60# Densified
60# Densified
54# Densified
Kraft Paper, Tan
Kraft Paper, Tan
Kraft Paper, Tan
Kraft Paper, White
Thickness:
Tape
0.002 in. (0.05 mm) 0.002 in. (0.05 mm)
0.004 in. (0.10 mm)
0.004 in. (0.10 mm)
Liner
0.003 in. (0.08 mm) 0.003 in. (0.08 mm)
0.004 in. (0.10 mm)
0.004 in. (0.10 mm)
Tape Color:
Pink
Clear
9576: Clear
Clear
9576B: Black
9576Y: Yellow
9576R: Red
*3M™ Adhesive 400 is a medium-firm acrylic pressure-sensitive adhesive system which features an
excellent balance of good initial adhesion (quick stick) and good shear holding power.
Typical Physical
Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
Product
3M Splicing
3M Splicing
3M Splicing
3M Splicing
Tape 9464
Tape 9498
Tapes 9576/9576B
Tape 9578
9576Y/9576R
Adhesion to Steel:
(ASTM D3330 - 180° peel)
20 oz./in.
20 oz./in.
30 oz./in.
30 oz./in.
(24 N/100 mm)
(24 N/100 mm)
(54 N/100 mm)
(54 N/100 mm)
Relative High Temperature
Operating Ranges:
Short Term (minutes, hours)
250°F (121°C)
250°F (121°C)
165°F (75°C)
165°F (75°C)
Long Term (days, weeks)
180°F (82°C)
180°F (82°C)
125°F (50°C)
125°F (50°C)


Similar Part No. - 9498

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9498 BELDEN-9498 Datasheet
178Kb / 2P
Audio, Control and Instrumentation, 3 Conductor 16 AWG, Unjacketed
12-20-2022
9498-0001000 BELDEN-9498-0001000 Datasheet
178Kb / 2P
Audio, Control and Instrumentation, 3 Conductor 16 AWG, Unjacketed
12-20-2022
logo
Fair-Rite Products Corp...
9498101002 FAIR-RITE-9498101002 Datasheet
512Kb / 1P
E Cores
9498102002 FAIR-RITE-9498102002 Datasheet
512Kb / 1P
E Cores
9498103002 FAIR-RITE-9498103002 Datasheet
512Kb / 1P
E Cores
More results

Similar Description - 9498

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-293545 TEC-C-293545 Datasheet
277Kb / 1P
SPLICING CONNECTOR
logo
3M Electronics
9492MP 3M-9492MP Datasheet
189Kb / 4P
Double Coated Tapes
Nov-2011
F9473PC 3M-F9473PC Datasheet
365Kb / 3P
Adhesive Transfer Tapes
Nov-2007
9738 3M-9738 Datasheet
346Kb / 3P
3M Double Coated Splicing Tapes
Mar-2008
9425 3M-9425 Datasheet
61Kb / 5P
3M Repositionable Tapes
Jan-2011
9990N 3M-9990N Datasheet
32Kb / 3P
Tapes and Splicing Component Products for making newspaper flying splices
Jul-2012
253 3M-253 Datasheet
14Kb / 2P
Silicone Splicing Tape
05-May-2002
5815 3M-5815 Datasheet
561Kb / 10P
Modular Splicing System
8901 3M-8901 Datasheet
29Kb / 2P
Polyester Tapes
Jun-2011
logo
Bertech.
ESDBPT BERTECH-ESDBPT Datasheet
220Kb / 1P
ESD Polyester Tapes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com