Electronic Components Datasheet Search
  English  ▼

X  

4945 Datasheet(PDF) 5 Page - 3M Electronics

Part # 4945
Description  VHB Tape - Specialty Tapes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4945 Datasheet(HTML) 5 Page - 3M Electronics

  4945 Datasheet HTML 1Page - 3M Electronics 4945 Datasheet HTML 2Page - 3M Electronics 4945 Datasheet HTML 3Page - 3M Electronics 4945 Datasheet HTML 4Page - 3M Electronics 4945 Datasheet HTML 5Page - 3M Electronics 4945 Datasheet HTML 6Page - 3M Electronics 4945 Datasheet HTML 7Page - 3M Electronics 4945 Datasheet HTML 8Page - 3M Electronics 4945 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
3M™ VHB™ Tape - Specialty Tapes
Typical Performance
Characteristics
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
4914
4920
4929
4930(F)
4949
4950
4955
4959(F)
White
White
Black
White
Black
White
White
White
0.010
0.015
0.025
0.025
0.045
0.045
0.080
0.120
1500
1500
1500
1500
1500
1500
1500
1500
500
500
500
500
500
500
1000
1000
500
500
500
500
500
500
750
750
750
750
750
750
300 (149)
300 (149)
300 (149)
300 (149)
300 (149)
300 (149)
400 (204)
400 (204)
200 (93)
200 (93)
200 (93)
200 (93)
200 (93)
200 (93)
300 (149)
300 (149)
4945
4946
White
White
0.045
0.045
1500
1500
500
500
500
500
300 (149)
300 (149)
200 (93)
200 (93)
4905
4910
Clear
Clear
0.020
0.040
1000
1000
500
500
500
500
300 (149)
300 (149)
200 (93)
200 (93)
4951
4943F
4957F
White
Gray
Gray
0.045
0.045
0.062
1250
1000
1000
500
500
500
500
500
500
300 (149)
300 (149)
300 (149)
200 (93)
200 (93)
200 (93)
LSE-060
LSE-110
LSE-160
White
White
White
0.025
0.045
0.062
1000
1000
1000
500
500
500
250
250
250
300 (149)
300 (149)
300 (149)
200 (93)
200 (93)
200 (93)
GPH-060
GPH-110
GPH-160
Gray
Gray
Gray
0.025
0.045
0.062
1000
1000
1000
500
500
500
450 (230)
450 (230)
450 (230)
300 (150)
300 (150)
300 (150)
4616
4622
4624
White
White
White
0.025
0.045
0.062
1000
1000
1000
250
250
250
250
250
250
250 (121)
250 (121)
250 (121)
200 (93)
200 (93)
200 (93)
Static Shear - ASTM D3654 - To stainless steel, tested at various temperatures and gram loadings. 0.5 in2(3.23 cm2). Will hold listed weight for 10,000 minutes
(approximately 7 days). Conversion: 1500 g/0.5 in2 equals 6.6 lb/in2; 500 g/0.5 in2 = 2.2 lb/in2.
Short Term Temperature Tolerance - No change in room temperature dynamic shear properties following 4 hours conditioning at indicated temperature with
100 g/static load. (Represents minutes, hours in a process type temperature exposure).
Long Term Temperature Tolerance - Maximum temperature where tape supports at least 250 g load per 0.5 in2in static shear for 10,000 minutes. (Represents
continuous exposure fordays orweeks).
- 5 -
Inches
72°F
150°F
200°F
250°F
350°F
(22°C)
(66°C)
(93°C)
(121°C)
°F (°C)
°F (°C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com