Electronic Components Datasheet Search
  English  ▼

X  

DT8 Datasheet(PDF) 2 Page - 3M Electronics

Part # DT8
Description  All Purpose Duct Tape DT8
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DT8 Datasheet(HTML) 2 Page - 3M Electronics

  DT8 Datasheet HTML 1Page - 3M Electronics DT8 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3M™ All Purpose Duct Tape DT8
Technical Information
The technical information, guidance and other statements contained in this document or otherwise
provided by 3M are based upon records, tests or experience that 3M believes to be reliable, but
the accuracy, completeness and representative nature of such information is not guaranteed. Such
information is intended for people with knowledge and technical skills sufficient to assess and apply
their own informed judgment to the information. No license under any 3M or third-party intellectual
property rights is granted or implied with this information.
Product Selection
and Use
Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect
the use and performance of a 3M product in a particular application. As a result, customer is solely
responsible for evaluating the product and determining whether it is appropriate and suitable for
customer’s application, including conducting a workplace hazard assessment and reviewing all
applicable regulations and standards (e.g., OSHA, ANSI, etc.). Failure to properly evaluate, select and
use a 3M product and appropriate safety products, or to meet all applicable safety regulations, may
result in injury, sickness, death and/or harm to property.
Warranty, Limited
Remedy, and Disclaimer
Unless a different warranty is specifically stated on the applicable 3M product packaging or product
literature (in which case such warranty governs), 3M warrants that each 3M product meets the
applicable 3M product specification at the time 3M ships the product. 3M MAKES NO OTHER
WARRANTIES OR CONDITIONS, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY
IMPLIED WARRANTY OR CONDITION OF MERCHANTABILITY, FITNESS FOR A PARTICULAR
PURPOSE, OR ARISING OUT OF A COURSE OF DEALING, CUSTOM, OR USAGE OF TRADE. If a 3M
product does not conform to this warranty, then the sole and exclusive remedy is, at 3M’s option,
replacement of the 3M product or refund of the purchase price.
Limitation of Liability
Except for the limited remedy stated above, and except to the extent prohibited by law, 3M will
not be liable for any loss or damage arising from or related to the 3M product, whether direct,
indirect, special, incidental, or consequential (including, but not limited to, lost profits or business
opportunity), regardless of the legal or equitable theory asserted, including, but not limited to,
warranty, contract, negligence or strict liability.
ISO Statement
This product was manufactured under a 3M quality system registered to ISO 9001 standards.
3M Closure and Masking Systems Division
3M Canada
P.O. Box 5757
London, Ontario N6A 4T1
1 800-364-3577
3M.ca/DTSeries
*ASTM D3652 tested at 2.7 psi (18 kPa)
3M and 3M Science. Applied to Life. are trademarks of 3M. Used under license in Canada. © 2019, 3M. All rights reserved. 1902-13966 E



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com