Electronic Components Datasheet Search
  English  ▼

X  

IPX182 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IPX182
Description  Smart Pressure Transmitter for Standard Thread Mounting
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IPX182 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IPX182 Datasheet HTML 1Page - List of Unclassifed Manufacturers IPX182 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Example: IPX182 - 3M - 6/30 - M625
Accuracy is based upon a maximum total length of process connection and flexible capillary of 36" (914). For each 6" (152) of length added
accuracy is reduced by 0.10% to maximum length of 48" (1219) total. For total unit lengths over 48" (1219), the error correction software
performance is reduced. Consult factory for specific requirements.
Notes: • FM approved units include end cap with conduit connector and 20 ft. (6 meter) leads.
• Standard unit includes a 6 pin Bendix connector and requires optional cable 929008 - 10 ft. (3 meter).
• Standard unit with M315 option includes an 8 pin Bendix connector and requires optional cable 801726.
• Mounting bracket P/N195901 recommended.
•
10M units are compensated to at least 7.5M and extrapolated to 10M.
A
7.25
(184)
3.00
(76.2)
.414
.412
10.52
10.46
DIM ‘A’
±.12
(FLEX LENGTH)
CASE GROUND
SCREW
1/2-14 NPT
1.12 WRENCH
FLATS
1.40
(35.6)
Ø
FM APPROVED
LABEL
DYNISCO LABEL
3.88
(98.5)
2.25
(57.2)
2.375
(60.33)
Ø
OPTIONAL MTG BKT KIT
P/N 195901
.625
(15.9)
HEX
.50
(12.7)
Ø
Ø
45˚30’
44˚30’
1/2-20 UNF-2A
.42
(10.7)
.62
(15.8)
DIM ‘B’
(SNOUT LENGTH)
Ø
(
)
.44
(11.2)
PT242
CONFIGURATION
1.25
(31.6)
BRAIDED FLEX HOSE
.45 NOM O.D.
(11.4)
(4) BRACKET MTG SCREWS
NO. 8-32 SHCS
EQ SP ON Ø 1.65 B.C.
10.38 + DIM ‘A’ + DIM ‘B’
±.38
(263.6 + DIM ‘A’ + DIM ‘B’
±9.7)
.65
(16.5)
.214
(5.44)
Ø
.307
.305
7.80
7.75
(
)
.515
(13.1)
Ø
MIN
[SNOUT LENGTH - .200] MAX
(5.08)
.225
(5.72)
45˚
.314
.312
7.98
7.92
Ø
(
)
.458
.452
11.65
11.47
Ø
(
)
.75
(19)
.17
(4.3)
MIN FULL THREAD
Ø .004 S A
1/2-20 UNF-2B
MAX
All dimensions are in inches (millimeters) unless otherwise specified
Ordering Guide
182002 - A
Model
Approvals
Diaphragm Material/Coating
Pressure Range
Rigid Stem
Flexible Stem
Options
Code
Description
Code
Material/Coating
Code
psi
Code
bar
Code
Length
Code
Length
Code
Description
(Blank)
Standard
(Blank)
15 - 5 PH SST
1.5M
0 - 1,500
1CB
(0 - 100)
6
6 (152)
30
30 (762)
M315
3 - wire w/
with DyMax™
3M
0 - 3,000
2CB
(0 - 200)
12
12 (304)
RTD output
FM
Factory
Coating
5M
0 - 5,000
3.5CB
(0 - 350)
(snout temp.)
IPX182
Mutual
H
Hastelloy
7.5M
0 - 7,500
5CB
(0 - 500)
M625
Temperature
Approved
10M
0 - 10,000
6.8CB
(0 - 680)
compensated
Class I ,
to 350˚C
Division II,
M626
Accuracy to
Groups
0.15% (1.5M)
A, B, C & D
DYNISCO MODEL IPX182
Smart Pressure Transmitter for Standard Thread Mounting



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com