Electronic Components Datasheet Search
  English  ▼

X  

RP25 Datasheet(PDF) 2 Page - 3M Electronics

Part # RP25
Description  Tapes provide the convenience and simplicity of a tape fastener and are ideal for use in many interior and exterior bonding applications. In many situations, they can replace rivets
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

RP25 Datasheet(HTML) 2 Page - 3M Electronics

  RP25 Datasheet HTML 1Page - 3M Electronics RP25 Datasheet HTML 2Page - 3M Electronics RP25 Datasheet HTML 3Page - 3M Electronics RP25 Datasheet HTML 4Page - 3M Electronics RP25 Datasheet HTML 5Page - 3M Electronics RP25 Datasheet HTML 6Page - 3M Electronics RP25 Datasheet HTML 7Page - 3M Electronics RP25 Datasheet HTML 8Page - 3M Electronics RP25 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
3M™ VHB™ Tapes
- 2 -
Typical Physical Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
3M™ VHB™ Tapes
Family
Number
Colour
Tape Thickness
Inches (mm) Tolerance
4919F
Black
0.025 (0.6) ± 15%
4926
Grey
0.015 (0.4) ± 15%
4936
Grey
0.025 (0.6) ± 15%
4936F
Grey
0.025 (0.6) ± 15%
4941
Grey
0.045 (1.1) ± 10%
4941F
Grey
0.045 (1.1) ± 10%
4947F
Black
0.045 (1.1) ± 10%
4956
Grey
0.062 (1.6) ± 10%
4956F
Grey
0.062 (1.6) ± 10%
4979F
Black
0.062 (1.6) ± 10%
4991
Grey
0.090 (2.3) ± 10%
4991B
Black
0.090 (2.3) ± 10%
RP16
Grey
0.016 (0.4) ± 15%
RP16F
Grey
0.016 (0.4) ± 15%
RP25
Grey
0.025 (0.6) ± 15%
RP25F
Grey
0.025 (0.6) ± 15%
RP32
Grey
0.032 (0.8) ± 15%
RP32F
Grey
0.032 (0.8) ± 15%
RP45
Grey
0.045 (1.1) ± 10%
RP45F
Grey
0.045 (1.1) ± 10%
RP62
Grey
0.062 (1.6) ± 10%
RP62F
Grey
0.062 (1.6) ± 10%
5906
Black
0.006 (0.15) ± 15%
5907
Black
0.008 (0.20) ± 15%
5908
Black
0.010 (0.25) ± 15%
5909
Black
0.012 (0.30) ± 15%
5915
Black
0.016 (0.4) ± 15%
5915P
Black
0.016 (0.4) ± 15%
5915WF
White
0.016 (0.4) ± 15%
5925
Black
0.025 (0.6) ± 15%
5925P
Black
0.025 (0.6) ± 15%
5925WF
White
0.025 (0.6) ± 15%
5930
Black
0.032 (0.8) ± 15%
5930P
Black
0.032 (0.8) ± 15%
5930WF
White
0.032 (0.8) ± 15%
5952
Black
0.045 (1.1) ± 10%
5952P
Black
0.045 (1.1) ± 10%
5952WF
White
0.045 (1.1) ± 10%
5958FR
Black
0.040 (1.0) ± 10%
5962
Black
0.062 (1.6) ± 10%
5962P
Black
0.062 (1.6) ± 10%
5962WF
Black
0.062 (1.6) ± 10%
Multi-Purp
Conform
45 (720)
Multi-Purp
Conform
45 (720)
Multi-Purp
Conform
45 (720)
Multi-Purp
Conform
45 (720)
Multi-Purp
Conform
45 (720)
Multi-Purp
Conform
45 (720)
Multi-Purp
Conform
45 (720)
Multi-Purp
Conform
45 (720)
Multi-Purp
Conform
45 (720)
Multi-Purp
Conform
45 (720)
Multi-Purp
Conform
45 (720)
Multi-Purp
Conform
45 (720)
Multi-Purp
Conform
45 (720)
Multi-Purp
Conform
45 (720)
Multi-Purp
Conform
45 (720)
Multi-Purp
Conform
45 (720)
Multi-Purp
Conform
45 (720)
Multi-Purp
Conform
45 (720)
Multi-Purp
Conform
45 (720)
Multi-Purp
Conform
45 (720)
Multi-Purp
Conform
45 (720)
Multi-Purp
Conform
45 (720)
Modified
Very Conf
45 (720)
Modified
Very Conf
45 (720)
Modified
Very Conf
45 (720)
Modified
Very Conf
45 (720)
Modified
Very Conf
43 (690)
Modified
Very Conf
43 (690)
Modified
Very Conf
43 (690)
Modified
Very Conf
37 (590)
Modified
Very Conf
37 (590)
Modified
Very Conf
37 (590)
Modified
Very Conf
37 (590)
Modified
Very Conf
37 (590)
Modified
Very Conf
37 (590)
Modified
Very Conf
37 (590)
Modified
Very Conf
37 (590)
Modified
Very Conf
37 (590)
Modified
Very Conf
50 (800)
Modified
Very Conf
37 (590)
Modified
Very Conf
37 (590)
Modified
Very Conf
37 (590)
PE Film
0.005 (0.13)
Red (printed)
DK Paper
0.003 (0.08)
White (printed)
DK Paper
0.003 (0.08)
White (printed)
PE Film
0.005 (0.13)
Red (printed)
DK Paper
0.003 (0.08)
White (printed)
PE Film
0.005 (0.13)
Red
PE Film
0.005 (0.13)
Red (printed)
DK Paper
0.003 (0.08)
White (printed)
PE Film
0.005 (0.13)
Red (printed)
PE Film
0.005 (0.13)
Red (printed)
PE Film
0.005 (0.13)
Red (printed)
PE Film
0.005 (0.13)
Red (printed)
DK Paper
0.003 (0.08)
White (printed)
PE Film
0.005 (0.13)
Red (printed)
DK Paper
0.003 (0.08)
White (printed)
PE Film
0.005 (0.13)
Red (printed)
DK Paper
0.003 (0.08)
White (printed)
PE Film
0.005 (0.13)
Red (printed)
DK Paper
0.003 (0.08)
White (printed)
PE Film
0.005 (0.13)
Red (printed)
DK Paper
0.003 (0.08)
White (printed)
PE Film
0.005 (0.13)
Red (printed)
PET
0.003 (0.08)
Clear
PET
0.003 (0.08)
Clear
PET
0.003 (0.08)
Clear
PET
0.003 (0.08)
Clear
PE Film
0.005 (0.13)
Red (printed)
PCK Paper
0.004 (0.10)
White (printed)
PE Film
0.005 (0.13)
Red (printed)
PE Film
0.005 (0.13)
Red (printed)
PCK Paper
0.004 (0.10)
White (printed)
PE Film
0.005 (0.13)
Red (printed)
PE Film
0.005 (0.13)
Red (printed)
PCK Paper
0.004 (0.10)
White (printed)
PE Film
0.005 (0.13)
Red (printed)
PE Film
0.005 (0.13)
Red (printed)
PCK Paper
0.004 (0.10)
White (printed)
PCK Paper
0.004 (0.10)
White (printed)
PE Film
0.005 (0.13)
Red (printed)
PE Film
0.005 (0.13)
Red (printed)
PCK Paper
0.004 (0.10)
White (printed)
PE Film
0.005 (0.13)
Red (printed)
Adhesive and Foam
Adhesive
Type
Foam
Type
Density
lb/ft3 (kg/m3)
Release Liner
Type
Thickness
Inches (mm)
Colour



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com