Electronic Components Datasheet Search
  English  ▼

X  

N2807 Datasheet(PDF) 14 Page - Intel Corporation

Part # N2807
Description  Intel짰 Celeron짰 Processor J1800, J1900, N2807, and N2930 for Internet of Things
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N2807 Datasheet(HTML) 14 Page - Intel Corporation

Back Button N2807 Datasheet HTML 6Page - Intel Corporation N2807 Datasheet HTML 7Page - Intel Corporation N2807 Datasheet HTML 8Page - Intel Corporation N2807 Datasheet HTML 9Page - Intel Corporation N2807 Datasheet HTML 10Page - Intel Corporation N2807 Datasheet HTML 11Page - Intel Corporation N2807 Datasheet HTML 12Page - Intel Corporation N2807 Datasheet HTML 13Page - Intel Corporation N2807 Datasheet HTML 14Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Documentation Changes
Specification Update Addendum
for listed processors.
June 2018
Page 14
Document Number: 335864-002
8.0
Documentation Changes
The following register is an addition to section 32.12 of the Datasheet that implements
an incremental method for software to differentiate between processor steppings.
Manufacturer ID (PCIE_REG_MANUFACTURER_ID) - Offset F8h
Access Method
Type: PCI Configuration Register PCIE_REG_MANUFACTURER_ID: [B:0, D:31, F:0] + F8h
(Size 32 bits)
Default: 01xx0F1Ah
31
28
24
20
16
12
8
4
0
0 0 0 0 0 0 0 1 X X X X X X X X 0 0 0 0 1 1 1 1 0 0 0 1 1 0 1 0
Bit Range Default &
Access
Field Name (ID): Description
31:24
01h
RO
RSVD0: Reserved
23:16
xxh
RO
Manufacturing Stepping ID (MSID): This value of this filed depends on the
stepping of the processor
 B2: 0Ah
 B3: 0Ch
 C0: 0Eh
 D1: 13h
15:0
0F1Ah
RO
RSVD1: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com