Electronic Components Datasheet Search
  English  ▼

X  

XC62HP2002ML Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC62HP2002ML
Description  Positive Voltage Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62HP2002ML Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC62HP2002ML Datasheet HTML 2Page - Torex Semiconductor XC62HP2002ML Datasheet HTML 3Page - Torex Semiconductor XC62HP2002ML Datasheet HTML 4Page - Torex Semiconductor XC62HP2002ML Datasheet HTML 5Page - Torex Semiconductor XC62HP2002ML Datasheet HTML 6Page - Torex Semiconductor XC62HP2002ML Datasheet HTML 7Page - Torex Semiconductor XC62HP2002ML Datasheet HTML 8Page - Torex Semiconductor XC62HP2002ML Datasheet HTML 9Page - Torex Semiconductor XC62HP2002ML Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
s Electrical Characteristics
Ta=25:
XC62HR5002 VOUT(T)=5.0V(Note1)
PARAMETER
SYMBOL
CONDITIONS
Output Voltage
VOUT (E)
(Note2)
IOUT=40mA
VIN=6.0V
Load Stability
∆VOUT
Input -Output
Voltage Differential (Note3)
Maximum Output Current
IOUT max
VIN=6.0V, VOUT(E) ≥ 4.5V
CE "High" Current
ICEH
VCE=VIN
CE "Low" Current
ICEL
VCE=VSS
VIN=6.0V
1mA ≤ IOUT ≤ 100mA
w-49
XC62HR Series
Positive Voltage Regulators
MIN
4.900
3.1
220
TYP
5.000
40
80
-0.05
MAX
5.100
8.1
5.0
0
UNITS
V
mV
µA
mA
µA
µA
CIRCUIT
1
1
0.2
0.3
%/V
1
2
1
2
2
165
320
mV
1
Vdif1
IOUT=100mA
820
540
mV
1
Vdif2
IOUT=200mA
VIN=VCE=6.0V
Supply Current1
ISS1
10.0
V
—
Input Voltage
VIN
0.1
µA2
VIN=6.0V, VCE=VSS
Supply Current2
ISS2
-0.2
1.5
V
1
CE "High" Voltage
VCEH
0.25
V
1
CE "Low" Voltage
VCEL
Input Stability
IOUT=40mA
6.0V ≤ VIN ≤ 10.0V
∆VOUT
∆VIN • VOUT
±100
ppm/:
1
Output Voltage
Temperature Characteristics
IOUT=40mA
-30: ≤ Topr ≤ 80:
∆VOUT
∆Topr • VOUT
1. VOUT(T)=Specified Output Voltage .
2. VOUT(E)=Effective Output Voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a ceratain IOUT value).
3. Vdif= {VIN1 (Note5)-VOUT1 (Note4)}
4. VOUT1= A voltage equal to 98% of the Output Voltage whenever an amply stabilised IOUT {VOUT(T)+1.0V} is input.
5. VIN1= The Input Voltage when VOUT1 appears as Input Voltage is gradually decreased.
6. Semi-custom.
Note:
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com