Electronic Components Datasheet Search
  English  ▼

X  

10115 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # 10115
Description  Bussmann series 22 x 58 mm Modular fuse holders
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

10115 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  10115 Datasheet HTML 1Page - Eaton All Rights Reserved. 10115 Datasheet HTML 2Page - Eaton All Rights Reserved. 10115 Datasheet HTML 3Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Technical Data 10115
Effective September 2016
Bussmann series
22 x 58 mm Modular fuse holders
EATON www.eaton.com
Catalogue Symbol
•
CH221DNXU: neutral fuse holder
•
CH22(# of poles)DU: standard fuse holder
•
CH22(# of poles)DIU: fuse holder with neon indicator
•
CH221(# of poles)DNU: standard fuse holder and neutral
•
CH221(# of poles)DNIU: standard fuse holder and neutral and
neon indicator
•
CH221(# of poles)DMSU-F: fuse holder with microswitch
(pre-breaking/fuse operation)
•
CH221(# of poles)DNMSU-F: fuse holder with neutral and
microswitch (pre-breaking/fuse operation)
•
CH221DI-48U: fuse holder with LED indicator
Compatible fuse links
•
C22G and C22M: 22 x 58 mm gG and gM fuse links
•
FWP-A22F, see maximum continuous fuse current below
Table 1. FWP Ferrule fuse links
Catalogue
number
Maximum continuous
fuse current
FWP-20A22F
20 A
FWP-25A22F
25 A
FWP-32A22F
32 A
FWP-40A22F
38 A
FWP-50A22F
44 A
FWP-63A22F
55 A
FWP-80A22F
73 A
FWP-100A22F
86 A
Technical data
•
Number of poles: 1 to 4
•
Rated voltage
• IEC: CH22DU Series 690 V a.c. / 1000 V d.c.
• UL: 700 V a.c.
•
Rated current
• IEC: CH22DU Series 125 A (a.c. and d.c.)
• UL: 100 A (a.c.)
•
SCCR: 120 kA (a.c.) / 50 kA (d.c.)
•
Microswitch (IEC): 250 V a.c. / 5 A
•
Rated power acceptance: 9.5 W to IEC 60269-2
•
Protection index: IP20 Finger-safe
•
Rated impulse withstand voltage (Uimp): 6 kV
•
Cable size (Copper only): 2.5 mm2 - 70 mm2
•
Torque settings:
• Recommended torque setting 4 N•m
• Maximum torque setting: 5 N•m
•
Mounting: 35mm DIN-Rail or 2 x M4 Panel mounting screws
•
Self-extinguishable UL 94-V0 rated polyester material
•
Storage & operating temperature range
• Storage temperature -40ºC to +80ºC
• Operating temperature -20ºC to +70ºC
•
RoHS compliant.
Standards/Approvals
•
IEC 60269-1 and 60269-2
•
UL listed file number E14853
•
CCC
Packaging
•
1-pole: 6 per pack
•
2-pole: 3 per pack
•
3-pole: 2 per pack
•
4-pole: 1 per pack
Table 2. Technical Data
Old part
number
New part
number
Number
of poles Description
Neutral only
CH221BNX
CH221DNXU
1
Neutral holder
Fuse holder only
CH221B
CH221DU
1
1-pole fuse holder
CH222B
CH222DU
2
2-pole fuse holder
CH223B
CH223DU
3
3-pole fuse holder
CH224B
CH224DU
4
4-pole fuse holder
Fuse holder with neon indicator
N/A
CH221DIU
1
1-pole fuse holder with neon indi-
cator
N/A
CH222DIU
2
2-pole fuse holder with neon indi-
cator
N/A
CH223DIU
3
3-pole fuse holder with neon indi-
cator
N/A
CH224DIU
4
4-pole fuse holder with neon indi-
cator
Fuse holder and neutral
CH221BN
CH221DNU
2
1-pole + neutral fuse holder
CH223BN
CH223DNU
4
3-pole + neutral fuse holder
Fuse holder and neutral and neon indicator
N/A
CH221DNIU
2
1-pole + neutral fuse holder + neon
indicator
N/A
CH223DNIU
4
3-pole + neutral fuse holder + neon
indicator
Fuse holder with microswitch
CH221BMS
CH221DMSU-F
1
1-pole fuse holder with microswitch
(pre-breaking/fuse operation)
CH223BMS
CH223DMSU-F
3
3-pole fuse holder with microswitch
(pre-breaking/fuse operation)
Fuse holder with neutral and microswitch
CH223BNMS
CH223DNMSU-F 3
3-pole cylindrical fuse holder +
neutral + microswitch (pre-breaking/
fuse operation)
Fuse holder with LED Indicator
N/A
CH221DI-48U
1
1-pole fuse holder with LED
Indicator
Table 3. Accessories
Part
number
Description
Unit
packing
JV-L
Multi-pole connector kit. One kit will gang up to 4-poles
together
12
CH22-CTP
IP20 protection accessory, provides IP20 protection to
terminals with 10mm2 or less cable
12
CH22-SPS
Microswitch to work on CH221D(I)U, 1 n/o + 1 n/c
changeover type
3
CH22-TPS
Microswitch to work on CH223D(I)U, 1 n/o + 1 n/c
changeover type
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com