Electronic Components Datasheet Search
  English  ▼

X  

OPB856 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPB856
Description  Wide Gap Optical Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB856 Datasheet(HTML) 2 Page - OPTEK Technologies

  OPB856 Datasheet HTML 1Page - OPTEK Technologies OPB856 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type OPB856
Normalized Output Current vs.
Distance
d - Distance Between LED and
Sensor Housings - Inches
Normalized to d = 2.0"
IF = 20 mA
VCE = 5.0 V
+2
σ
Average
-2
σ
Electrical Characteristics (TA = 25
o C unless otherwise noted)
SYMBOL
PARAMETER
MIN MAX UNITS
TEST CONDITIONS
Input Diode
VF
Forward Voltage
1.7
V
IF = 20 mA
IR
Reverse Current
100
µA
VR = 2 V
Output Phototransistor
V(BR)CEO
Collector-Emitter Breakdown Voltage
30
V
IC = 100
µA
V(BR)ECO
Emitter-Collector Breakdown Voltage
5.0
V
IE = 100
µA
ICEO
Collector Dark Current
100
nA
VCE = 10 V, IF = 0, Ee = 0
Coupled
IC(ON)
On-State Collector Current
(3)
1.8
mA
VCE = 5 V, IF = 20 mA, d = 2”
(2)
Typical Performance Curves
12-131
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com